Electronic Components Datasheet Search
  English  ▼

X  

EPA3550B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EPA3550B
Description  Single-Axis Z-Gyro Product Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPA3550B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EPA3550B Datasheet HTML 9Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 10Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 11Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 12Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 13Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 14Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 15Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 16Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISZ-650 Single-Axis Z-Gyroscope
Product Specification
PS-ISZ-0650B-00-02
Release Date: 07/08/09
CONFIDENTIAL & PROPRIETARY
13 of 24
Figure 5
8.2.6
External Low-Pass Circuitry
To further attenuate high-frequency noise, an optional external low-pass filter may be used.
8.2.7
Gyro Outputs
The ISZ-650 gyro has two Z-outputs, with scale factors and full-scale sensitivities as summarized
below.
Axis
Gyro Output
Sensitivity (mV/º/s)
Full-Scale Range (±º/s)
Z
Z-OUT
0.5
2000
Z4.5OUT
2.27
440
Having two sensitivities and two full-scale ranges for one axis allows the end user to have one output
that can be used for faster motions such as full-motion gaming (over a full scale range of ±2000º/sec),
and a second output that can be used for slower motions such as for gesture and menu-navigation
functionality (over a full scale range of ±440º/sec). Thus a lower-resolution analog-to-digital converter
(ADC) may be used to digitize the motion, with the gain of 4.5 in the Z4.5OUT output effectively giving
the user additional two-plus bits of resolution.
The ISZ-650 gyro outputs are independent of supply voltage (i.e. they are not ratiometric).
Gyro rotation rate is calculated as:
(Gyro Output Voltage – Gyro Zero-Rate Out) / Sensitivity
where the Zero-Rate Output (ZRO) is nominally VREF. There is a temperature dependence to ZRO,
and an initial accuracy to ZRO.
8.2.8
Auto Zero
Auto Zero (AZ) is a function that is used to maximize the gyro’s dynamic range when using the
Z4.5OUT output.
AZ works by keeping the gyro’s Zero-Rate Output (ZRO) close to VREF, and thus allows the user to
achieve a wider usable signal range, without using an external analog high pass filter.
-30
-25
-20
-15
-10
-5
0
5
10
1
10
100
1000
Frequency (Hz)
-30
-25
-20
-15
-10
-5
0
5
10
Phase
Gain
Nominal
Limits
LPF Phase & Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com