Electronic Components Datasheet Search
  English  ▼

X  

ADS901 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS901
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS901 Datasheet(HTML) 4 Page - Texas Instruments

  ADS901 Datasheet HTML 1Page - Texas Instruments ADS901 Datasheet HTML 2Page - Texas Instruments ADS901 Datasheet HTML 3Page - Texas Instruments ADS901 Datasheet HTML 4Page - Texas Instruments ADS901 Datasheet HTML 5Page - Texas Instruments ADS901 Datasheet HTML 6Page - Texas Instruments ADS901 Datasheet HTML 7Page - Texas Instruments ADS901 Datasheet HTML 8Page - Texas Instruments ADS901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADS901
4
SBAS054A
5 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N–5N–4N–3N–2N–1
N
N+1
N+2
Data Out
Clock
Analog In
N
t
2
N+1
N+2
N+3
N+4
N+5
N+6
N+7
t
1
TOP VIEW
SSOP
PIN CONFIGURATION
PIN
DESIGNATOR
DESCRIPTION
1+VS
Analog Supply
2LVDD
Output Logic Driver Supply Voltage
3
Bit 10
Data Bit 10 (D0) (LSB)
4
Bit 9
Data Bit 9 (D1)
5
Bit 8
Data Bit 8 (D2)
6
Bit 7
Data Bit 7 (D3)
7
Bit 6
Data Bit 6 (D4)
8
Bit 5
Data Bit 5 (D5)
9
Bit 4
Data Bit 4 (D6)
10
Bit 3
Data Bit 3 (D7)
11
Bit 2
Data Bit 2 (D8)
12
Bit 1
Data Bit 1 (D9) (MSB)
13
GND
Analog Ground
14
GND
Analog Ground
15
CLK
Convert Clock Input
16
OE
Output Enable, Active Low
17
Pwrdn
Power Down Pin
18
+VS
Analog Supply
19
GND
Analog Ground
20
GND
Analog Ground
21
LpBy
Positive Ladder Bypass
22
REFT
Top Reference Input
23
NC
No Connection
24
REFB
Bottom Reference Input
25
LnBy
Negative Ladder Bypass
26
CM
Common-Mode Voltage Output
27
IN
Analog Input
28
+VS
Analog Supply
PIN DESCRIPTIONS
TIMING DIAGRAM
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
50
100
µsns
tL
Clock Pulse Low
24
25
ns
tH
Clock Pulse High
24
25
ns
tD
Aperture Delay
3
ns
t1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
12
ns
+V
S
LV
DD
(LSB) Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
(MSB) Bit 1
GND
GND
+V
S
IN
CM
LnBy
REFB
NC
REFT
LpBy
GND
GND
+V
S
Pwrdn
OE
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com