Electronic Components Datasheet Search
  English  ▼

X  

ADS901 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS901
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS901 Datasheet(HTML) 2 Page - Texas Instruments

  ADS901 Datasheet HTML 1Page - Texas Instruments ADS901 Datasheet HTML 2Page - Texas Instruments ADS901 Datasheet HTML 3Page - Texas Instruments ADS901 Datasheet HTML 4Page - Texas Instruments ADS901 Datasheet HTML 5Page - Texas Instruments ADS901 Datasheet HTML 6Page - Texas Instruments ADS901 Datasheet HTML 7Page - Texas Instruments ADS901 Datasheet HTML 8Page - Texas Instruments ADS901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADS901
2
SBAS054A
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = LVDD = +3V, REFB = 1V, REFT = 2V, Specified Input Range = 1V to 2V, Sampling Rate = 20MHz, unless otherwise specified.
+VS ....................................................................................................... +6V
Logic VDD ............................................................................................. +6V
Analog Input ............................................................................... +VS +0.3V
Logic Input ................................................................................. +VS +0.3V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
ABSOLUTE MAXIMUM RATINGS
ADS901E
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
Resolution
10
Bits
Specified Temperature Range
Ambient Air
–40
+85
°C
ANALOG INPUT
Specified Full Scale Input Range(1)
1Vp-p
V
Common-Mode Voltage (Midscale)
1.5
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
DIGITAL INPUT
Logic Family
CMOS Compatible
Convert Command (Start Conversion)
Start Conversion
Rising Edge of Convert Clock
CONVERSION CHARACTERISTICS
Sample Rate
Full
10k
20M
Samples/s
Data Latency
5
Clk Cyc
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS901E
SSOP-28
324
–40
°C to +85°C
ADS901E
ADS901E
Rail
ADS901E
SSOP-28
324
–40
°C to +85°C
ADS901E
ADS901E/1K
Tape and Reel
NOTES: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “ADS901E/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com