Electronic Components Datasheet Search
  English  ▼

X  

T2801 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T2801
Description  DECT Single-Chip Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2801 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T2801 Datasheet HTML 9Page - ATMEL Corporation T2801 Datasheet HTML 10Page - ATMEL Corporation T2801 Datasheet HTML 11Page - ATMEL Corporation T2801 Datasheet HTML 12Page - ATMEL Corporation T2801 Datasheet HTML 13Page - ATMEL Corporation T2801 Datasheet HTML 14Page - ATMEL Corporation T2801 Datasheet HTML 15Page - ATMEL Corporation T2801 Datasheet HTML 16Page - ATMEL Corporation T2801 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
T2801
Preliminary Information
Rev. A9, 11-Dec-01
13 (27)
Functional Description
Receiver
The RF signal at RF_IN is fed to an image rejection mixer
IR_MIXER with its differential outputs MIXER_OUT1
and MIXER_OUT2 driving an IF-SAW filter at
110.592 MHz
or
112.32 MHz. The IF amplifiers
IF_AMP1 and IF_AMP2 with an external IF_TANK and
an integrated RSSI function feed the signal to the
demodulator DEMOD working at f = fIF/2 (
[55 MHz)
and finally to an integrated baseband filter BB. For
demodulator tuning in production an integrated 5-bit dig-
ital-to-analog (D/A) converter is provided to control the
on-chip varicap diode.
Transmitter
The transmit data at TX_DATA is filtered by an integrated
Gaussian Filter GF and fed to the fully integrated VCO
operating at twice the output frequency. After modulation
the signal is frequency-divided by 2 and fed via a TX/RX
SWITCH to the TX_DRIVER. This bus-controlled driver
amplifier supplies typical +3 dBm output power at
TX_OUT. A ramp-signal generator RAMP_GEN, pro-
vides a ramp signal at RAMP_OUT for the external power
amplifier, is integrated. The slope of the ramp signal is
controlled by a capacitor at the RAMP_SET pin.
Synthesizer
The
IR_MIXER,
the
TX_DRIVER
and
the
programmable counter PC are driven by the fully
integrated
VCO (including on-chip inductors and
varactors). An 3-bit digital-to-analog converter is used to
pretune the frequency. The output signal is frequency-
divided
to supply the desired frequency to the
TX_DRIVER, 0/90 degree phase shifter for the
IR_MIXER and to be used by the PC for the phase detec-
tor PD (fPD = 3.456 MHz). Unlimited multislot operation
is possible by using the integrated advanced closed-loop
modulation
concept
based
on
the
modulation
compensation circuit MCC.
Power Supply
An integrated bandgap-stabilized voltage regulator for
use with an external low-cost PNP transistor is imple-
mented. Multiple power-down and current saving modes
are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com