Electronic Components Datasheet Search
  English  ▼

X  

T2801 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T2801
Description  DECT Single-Chip Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2801 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T2801 Datasheet HTML 16Page - ATMEL Corporation T2801 Datasheet HTML 17Page - ATMEL Corporation T2801 Datasheet HTML 18Page - ATMEL Corporation T2801 Datasheet HTML 19Page - ATMEL Corporation T2801 Datasheet HTML 20Page - ATMEL Corporation T2801 Datasheet HTML 21Page - ATMEL Corporation T2801 Datasheet HTML 22Page - ATMEL Corporation T2801 Datasheet HTML 23Page - ATMEL Corporation T2801 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
T2801
Rev. A9, 11-Dec-01
Preliminary Information
20 (27)
3-Wire Bus Protocol Timing Diagram
DATA
CLOCK
ENABLE
TT
TEC
TS
TC
TH
TL
TPER
16525
Figure 4.
Description
Symbol
Min. Value
Unit
Clock period
TPER
125
ns
Set time data to clock
TS
60
ns
Hold time data to clock
TH
60
ns
Clock pulse width
TC
60
ns
Set time enable to clock
TL
200
ns
Hold time enable to data
TEC
0
ns
Time between two protocols
TT
250
ns
TX DATA Timing
RefCLK
TX_DATA
TS
TH
Set-up time TX DATA
TS
10 ns
Hold time TX DATA
TH
10 ns
Figure 5. TX DATA timing
TS and TH must be considered for both (falling and
rising) edges of RefCLK when using REF_CLK =
10.368 MHz.
Absolute Maximum Ratings
All voltages refer to GND
Parameter
Symbol
Min.
Max.
Unit
Supply voltage regulator
Pin 10
VS_REG
3.2
4.7
V
Supply voltage
Pins 7, 12, 14, 33 and 42
VS
3.0
4.7
V
Logic input voltage
Pins 1, 2, 3, 38, 39, 44,
45, 46, 47 and 48
VIN
– 0.3
VS
V
Junction temperature
Tjmax
150
_C
Storage temperature
Tstg
–40
150
_C
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction ambient
RthJA
t.b.d.
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com