Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79101DBVT
Description  ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79101DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS79101DBVT Datasheet HTML 1Page - Texas Instruments TPS79101DBVT Datasheet HTML 2Page - Texas Instruments TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS continued
over recommended operating free-air temperature range, (TJ = −40 to 125 °C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF,
Co(byp)= 0.01 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standby current
EN = VI,
2.7 V < VI < 5.5 V
0.07
1
µA
High level enable input voltage
2.7 V < VI < 5.5 V
2
V
Low level enable input voltage
2.7 V < VI < 5.5 V
0.7
V
Input current (EN)
EN = VI
−1
1
µA
f = 100 Hz,
TJ = 25°C, IO = 10 mA
80
TPS79118
f = 100 Hz,
TJ = 25°C, IO = 100 mA
75
TPS79118
f = 10 kHz,
TJ = 25°C, IO = 100 mA
72
Power supply ripple rejection
f = 100 kHz,
TJ = 25°C, IO = 100 mA
45
dB
Power supply ripple rejection
f = 100 Hz,
TJ = 25°C, IO = 10 mA
70
dB
TPS79133
f = 100 Hz,
TJ = 25°C, IO = 100 mA
75
TPS79133
f = 10 kHz,
TJ = 25°C, IO = 100 mA
73
f = 100 kHz,
TJ = 25°C, IO = 100 mA
37
(1)
TPS79133
IO = 100 mA, TJ = 25°C
50
Dropout voltage(1)
TPS79133
IO = 100 mA
90
mV
Dropout voltage(1)
TPS79147
IO = 100 mA, TJ = 25°C
38
mV
TPS79147
IO = 100 mA
70
(1) IN voltage equals VO(typ) − 100 mV; The TPS79118 dropout voltage is limited by the input voltage range limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com