Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79101DBVT
Description  ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79101DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS79101DBVT Datasheet HTML 1Page - Texas Instruments TPS79101DBVT Datasheet HTML 2Page - Texas Instruments TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
ULTRALOW NOISE, HIGH PSRR, FAST RF 100mA
LOW DROPOUT LINEAR REGULATORS
(3,00 mm x 3,00 mm)
Actual Size
(3,00 mm x 3,00 mm)
Actual Size
FEATURES
D 100-mA Low-Dropout Regulator With EN
D Available in 1.8-V, 3.3-V, 4.7-V, and Adj.
D High PSRR (70 dB at 10 kHz)
D Ultralow Noise (15 µVRMS)
D Fast Start-Up Time (63 µs)
D Stable With Any 1-µF Ceramic Capacitor
D Excellent Load/Line Transient
D Very Low Dropout Voltage
(38 mV at Full Load, TPS79147)
D 5-Pin SOT23 (DBV) Package
D TPS792xx Provides EN Options
APPLICATIONS
D Cellular and Cordless Telephones
D VCOs
D RF
D Bluetooth, Wireless LAN
D Handheld Organizers, PDA
DESCRIPTION
The TPS791xx family of low-dropout (LDO)
low-power linear voltage regulators features high
power supply rejection ratio (PSRR), ultralow
noise, fast start-up, and excellent line and load
transient responses in a small outline, SOT23,
package. Each device in the family is stable, with
a small 1-
µF ceramic capacitor on the output. The
family uses an advanced, proprietary BiCMOS
fabrication process to yield extremely low dropout
voltages (e.g., 38 mV at 100 mA, TPS79147).
Each
device
achieves
fast
start-up
times
(approximately 63
µs with a 0.001 µF bypass
capacitor) while consuming very low quiescent
current (170
µA typical). Moreover, when the
device is placed in standby mode, the supply
current is reduced to less than 1
µA. The
TPS79118 exhibits approximately 15
µVRMS of
output voltage noise with a 0.1
µF bypass
capacitor. Applications with analog components
that are noise sensitive, such as portable RF
electronics, benefit from the high PSRR and low
noise features as well as the fast response time.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
3
2
4
6
DBV PACKAGE
(TOP VIEW)
1
IN
EN
OUT
BYPASS
5
FB
Adjustable Option
Fixed Option
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
1 k
10 k
100 k
IO = 1 mA
VO = 4.3 V
Co = 1 µF
C(byp) = 0.1 µF
IO = 100 mA
f − Frequency − Hz
TPS79133
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
60
50
30
20
10
100
1 k
10 k
70
90
100
100 k
1 M
10 M
40
80
f − Frequency − Hz
TPS79133
RIPPLE REJECTION
vs
FREQUENCY
VI = 4.3 V
Co = 10 µF
C(byp) = 0.01 µF
IO = 10 mA
IO = 100 mA
GND
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated
Bluetooth is a trademark owned by the Bluetooth SIG, Inc.


Similar Part No. - TPS79101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79101DBVT TI-TPS79101DBVT Datasheet
199Kb / 15P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79101DBVT TI1-TPS79101DBVT Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101DBVT TI2-TPS79101DBVT Datasheet
984Kb / 30P
TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
REVISED FEBRUARY 2018
TPS79101DBVTG4 TI1-TPS79101DBVTG4 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com