Electronic Components Datasheet Search
  English  ▼

X  

TPS79201DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79201DBVT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79201DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS79201DBVT Datasheet HTML 1Page - Texas Instruments TPS79201DBVT Datasheet HTML 2Page - Texas Instruments TPS79201DBVT Datasheet HTML 3Page - Texas Instruments TPS79201DBVT Datasheet HTML 4Page - Texas Instruments TPS79201DBVT Datasheet HTML 5Page - Texas Instruments TPS79201DBVT Datasheet HTML 6Page - Texas Instruments TPS79201DBVT Datasheet HTML 7Page - Texas Instruments TPS79201DBVT Datasheet HTML 8Page - Texas Instruments TPS79201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPS79201, TPS79225
TPS79228, TPS79230
SLVS337B – MARCH 2001 – REVISED MAY 2002
www.ti.com
5
TYPICAL CHARACTERISTICS
Figure 1
2.796
2.797
2.799
2.8
2.801
2.802
2.803
0
2040
6080
100
IO – Output Current – mA
TPS79228
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.8 V
Co = 10 µF
TJ = 25° C
Figure 2
2.76
2.77
2.78
2.79
2.8
2.81
2.82
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS79228
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 100 mA
IO = 1 mA
VI = 3.8 V
Co = 10 µF
Figure 3
100
120
140
160
180
200
220
240
260
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS79228
GROUND CURRENT
vs
JUNCTION TEMPERATURE
IO = 1 mA
VI = 3.8 V
Co = 10 µF
IO = 100 mA
Figure 4
f – Frequency – Hz
1k
10k
100k
IO = 1 mA
VI = 3.8 V
Co = 1 µF
C(byp) = 0.1 µF
100
IO = 100 mA
TPS79228
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
0
0.05
0.1
0.15
0.2
0.25
0.3
Figure 5
f – Frequency – Hz
1k
10k
100k
IO = 1 mA
100
IO = 100 mA
TPS79228
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 3.8 V
Co = 10 µF
C(byp) = 0.1 µF
0
0.05
0.1
0.15
0.2
0.25
0.3
Figure 6
f – Frequency – Hz
1k
10k
100k
100
TPS79228
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 3.8 V
IO = 100 mA
Co= 10 µF
C(byp) = 0.1 µF
C(byp) = 0.001 µF
C(byp) = 0.0047 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
C(byp) = 0.01 µF
0.001
0.01
0.1
TPS79228
ROOT MEAN SQUARED OUTPUT NOISE
vs
BYPASS CAPACITANCE
C(byp) – Bypass Capacitance – µF
0
10
20
30
40
50
60
Figure 7
VI = 3.8 V
VO = 2.8 V
Io = 100 mA
Co = 10 µF
BW = 100 Hz to 100
kHz
Figure 8
100
1 M
10
1 k
f – Frequency – Hz
10 k
TPS79228
OUTPUT IMPEDANCE
vs
FREQUENCY
100 k
IO = 1 mA
0
0.5
1
1.5
2
2.5
0
IO = 100 mA
10 M
VI = 3.8 V
Co = 10 µF
TJ = 25° C
Figure 9
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
–40 –25 –10 5
20 35 50 65 80 95 110 125
IO = 100 mA
IO = 10 mA
VI = 2.7 V
Co = 10 µF
TJ – Junction Temperature – °C
TPS79228
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com