Electronic Components Datasheet Search
  English  ▼

X  

TPS79201DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79201DBVT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79201DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79201DBVT Datasheet HTML 3Page - Texas Instruments TPS79201DBVT Datasheet HTML 4Page - Texas Instruments TPS79201DBVT Datasheet HTML 5Page - Texas Instruments TPS79201DBVT Datasheet HTML 6Page - Texas Instruments TPS79201DBVT Datasheet HTML 7Page - Texas Instruments TPS79201DBVT Datasheet HTML 8Page - Texas Instruments TPS79201DBVT Datasheet HTML 9Page - Texas Instruments TPS79201DBVT Datasheet HTML 10Page - Texas Instruments TPS79201DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TPS79201, TPS79225
TPS79228, TPS79230
SLVS337B – MARCH 2001 – REVISED MAY 2002
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 19
0.01
0.1
1
10
100
0
0.02
0.04
0.06
0.08
0.1
IO – Output Current – A
TPS79228
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
Region of Instability
Co = 0.47 µF
VI = 5.5 V
TJ = –40 °C to 125°C
Region of
Instability
Figure 20
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.1
IO – Output Current – A
TPS79228
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
1
Region of Instability
Region of Stability
Co = 1 µF
VI = 5.5 V
TJ = –40 °C to 125°C
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.1
IO – Output Current – A
TPS79228
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
1
Region of Instability
Region of Stability
Figure 21
Co = 10 µF
VI = 5.5 V
TJ = –40 °C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com