Electronic Components Datasheet Search
  English  ▼

X  

TPS76133DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76133DBVT
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76133DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS76133DBVT Datasheet HTML 1Page - Texas Instruments TPS76133DBVT Datasheet HTML 2Page - Texas Instruments TPS76133DBVT Datasheet HTML 3Page - Texas Instruments TPS76133DBVT Datasheet HTML 4Page - Texas Instruments TPS76133DBVT Datasheet HTML 5Page - Texas Instruments TPS76133DBVT Datasheet HTML 6Page - Texas Instruments TPS76133DBVT Datasheet HTML 7Page - Texas Instruments TPS76133DBVT Datasheet HTML 8Page - Texas Instruments TPS76133DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = VI, Co = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA,
TJ = 25°C
1
3
IO = 0 mA
5
IO = 1 mA,
TJ = 25°C
7
10
IO = 1 mA
15
Dropout voltage
IO = 10 mA,
TJ = 25°C
40
60
mV
Dropout voltage
IO = 10 mA
90
mV
IO = 50 mA,
TJ = 25°C
120
150
IO = 50 mA
180
IO = 100 mA,
TJ = 25°C
170
240
IO = 100 mA
280
Peak output current/current limit
100
125
135
mA
High level enable input
2
V
Low level enable input
0.8
V
II
Input current (EN)
EN = 0 V
–1
0
1
µA
II
Input current (EN)
EN = VI
2.5
5
µA
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
1, 2, 3
VO
Output voltage
vs Free-air temperature
4, 5, 6
Ground current
vs Free-air temperature
7, 8, 9
Output noise
vs Frequency
10
Zo
Output impedance
vs Frequency
11
VDO
Dropout voltage
vs Free-air temperature
12
Line transient response
13, 15
Load transient response
14, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com