Electronic Components Datasheet Search
  English  ▼

X  

TPS76133DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76133DBVT
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76133DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS76133DBVT Datasheet HTML 1Page - Texas Instruments TPS76133DBVT Datasheet HTML 2Page - Texas Instruments TPS76133DBVT Datasheet HTML 3Page - Texas Instruments TPS76133DBVT Datasheet HTML 4Page - Texas Instruments TPS76133DBVT Datasheet HTML 5Page - Texas Instruments TPS76133DBVT Datasheet HTML 6Page - Texas Instruments TPS76133DBVT Datasheet HTML 7Page - Texas Instruments TPS76133DBVT Datasheet HTML 8Page - Texas Instruments TPS76133DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
IO – Output Current – mA
TPS76130
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.01
2.98
2.94
20
60
3
2.99
2.97
40
80
120
3.02
0
100
2.96
2.95
VI = 4 V
CI = CO = 4.7 µF
TA = 25°C
Figure 2
IO – Output Current – mA
TPS76133
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.31
3.28
3.24
20
60
3.3
3.29
3.27
40
80
120
3.32
0
100
3.26
3.25
VI = 4.3 V
CI = CO = 4.7 µF
TA = 25°C
Figure 3
IO – Output Current – mA
TPS76150
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5.02
4.99
4.95
20
60
5.01
5
4.98
40
80
120
5.03
0
100
4.97
4.96
VI = 6 V
CI = CO = 4.7 µF
TA = 25°C
Figure 4
TA – Free-Air Temperature – °C
TPS76130
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
2.95
2.91
–20
20
2.93
0
40
140
3.02
–60
60
80
2.98
3
100 120
IL = 100 mA
IL = 1 mA
2.96
2.92
2.97
2.94
2.99
3.01
–40
VI = 4 V
CI = CO = 4.7 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com