Electronic Components Datasheet Search
  English  ▼

X  

T5760 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T5760
Description  UHF ASK/FSK Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5760 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T5760 Datasheet HTML 17Page - ATMEL Corporation T5760 Datasheet HTML 18Page - ATMEL Corporation T5760 Datasheet HTML 19Page - ATMEL Corporation T5760 Datasheet HTML 20Page - ATMEL Corporation T5760 Datasheet HTML 21Page - ATMEL Corporation T5760 Datasheet HTML 22Page - ATMEL Corporation T5760 Datasheet HTML 23Page - ATMEL Corporation T5760 Datasheet HTML 24Page - ATMEL Corporation T5760 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
T5761
T5760 /
Preliminary Information
Rev. A2, 19-Oct-00
21 (32)
V
S
POR
Data_out (DATA)
1 / f
RM
t
Rst
V
ThReset
X
Figure 30. Generation of the power-on reset
Programming the Configuration Register
Out1 (
Data_out (DATA)
Serial bi–directional
data line
X
Bit 1
(”0”)
Bit 2
(”1”)
Bit 14
(”0”)
Bit 15
(”0”)
X
t1
t2
t3
t4
t5
t6
t8
t7
Programming frame
(Start bit)
(Register–
select)
(Poll8)
(Stop bit)
Receiving
mode
Start–up
mode
t9
IC_ACTIVE
TSleep TStart–up
Sleep
mode
Figure 31. Timing of the register programming
Data_In
Data_out
Input –
Interface
DATA
0 ... 20 V
0 V / 5 V
V
X = 5 V to 20 V
R
pup
C
L
VS = 4.5 V to 5.5 V
I/O
Serial bi–directional data line
T5760/
T5761
µC
Out1
µC
ID
Figure 32. Data interface
The configuration registers are programmed serially via the bi-directional data line according to figure 31 and figure
32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com