Electronic Components Datasheet Search
  English  ▼

X  

TRSF3232ID Datasheet(PDF) 5 Page - Texas Instruments

Part # TRSF3232ID
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ID Datasheet(HTML) 5 Page - Texas Instruments

  TRSF3232ID Datasheet HTML 1Page - Texas Instruments TRSF3232ID Datasheet HTML 2Page - Texas Instruments TRSF3232ID Datasheet HTML 3Page - Texas Instruments TRSF3232ID Datasheet HTML 4Page - Texas Instruments TRSF3232ID Datasheet HTML 5Page - Texas Instruments TRSF3232ID Datasheet HTML 6Page - Texas Instruments TRSF3232ID Datasheet HTML 7Page - Texas Instruments TRSF3232ID Datasheet HTML 8Page - Texas Instruments TRSF3232ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
RECEIVER SECTION
Switching Characteristics
(1)
TRSF3232
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE
LINE DRIVER/RECEIVER
SLLS858 – AUGUST 2007
abc
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.6
VCC – 0.1
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VCC = 3.3 V
1.5
2.4
VIT+
Positive-going input threshold voltage
V
VCC = 5 V
1.8
2.4
VCC = 3.3 V
0.6
1.2
VIT–
Negative-going input threshold voltage
V
VCC = 5 V
0.8
1.5
Vhys
Input hysteresis (VIT+ – VIT–)
0.3
V
ri
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
Ω
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 3)
PARAMETER
TEST CONDITIONS
TYP(2)
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF
300
ns
tPHL
Propagation delay time, high- to low-level output
CL = 150 pF
300
ns
tsk(p)
Pulse skew(3)
300
ns
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com