Electronic Components Datasheet Search
  English  ▼

X  

TRSF3232ID Datasheet(PDF) 1 Page - Texas Instruments

Part # TRSF3232ID
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ID Datasheet(HTML) 1 Page - Texas Instruments

  TRSF3232ID Datasheet HTML 1Page - Texas Instruments TRSF3232ID Datasheet HTML 2Page - Texas Instruments TRSF3232ID Datasheet HTML 3Page - Texas Instruments TRSF3232ID Datasheet HTML 4Page - Texas Instruments TRSF3232ID Datasheet HTML 5Page - Texas Instruments TRSF3232ID Datasheet HTML 6Page - Texas Instruments TRSF3232ID Datasheet HTML 7Page - Texas Instruments TRSF3232ID Datasheet HTML 8Page - Texas Instruments TRSF3232ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
APPLICATIONS
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
DESCRIPTION/ORDERING INFORMATION
TRSF3232
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE
LINE DRIVER/RECEIVER
SLLS858 – AUGUST 2007
• Operates With 3-V to 5.5-V V
CC Supply
• Operates up to 1 Mbit/s
• Low Supply Current . . . 300 μA Typ
• External Capacitors . . . 4 × 0.1 μF
• Accepts 5-V Logic Input With 3.3-V Supply
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
The TRSF3232 consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV ESD
protection pin-to-pin (serial-port connection pins, including GND). This device provides the electrical interface
between an asynchronous communication controller and the serial-port connector. The charge pump and four
small external capacitors allow operation from a single 3-V to 5.5-V supply. The TRSF3232 operates at typical
data signaling rates up to 1 Mbit/s and a driver output slew rate of 24 V/
μs to 150 V/μs.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 40
TRSF3232CD
SOIC – D
TRSF3232C
Reel of 2500
TRSF3232CDR
Tube of 25
TRSF3232CDW
SOIC – DW
TRSF3232C
Reel of 2000
TRSF3232CDWR
0
°C to 70°C
Tube of 70
TRSF3232CDB
SSOP – DB
RT22C
Reel of 2000
TRSF3232CDBR
Tube of 70
TRSF3232CPW
TSSOP – PW
RT22C
Reel of 2000
TRSF3232CPWR
SOIC – D
Tube of 40
TRSF3232ID
TRSF3232I
SOIC – DW
Reel of 2000
TRSF3232IDR
Tube of 25
TRSF3232IDW
SOIC – DW
TRSF3232I
Reel of 2000
TRSF3232IDWR
–40
°C to 85°C
Tube of 70
TRSF3232IDB
SSOP – DB
RT22I
Reel of 2000
TRSF3232IDBR
Tube of 70
TRSF3232IPW
TSSOP – PW
RT22I
Reel of 2000
TRSF3232IPWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRSF3232ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3232ID TI-TRSF3232ID Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDB TI-TRSF3232IDB Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDBR TI-TRSF3232IDBR Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDR TI-TRSF3232IDR Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IDW TI-TRSF3232IDW Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - TRSF3232ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com