| Electronic Components Datasheet Search |
|
TRSF3232IPWR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TRSF3232IPWR Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 13 page ![]() www.ti.com DRIVER SECTION Switching Characteristics (1) TRSF3232 3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER SLLS858 – AUGUST 2007 abc Electrical Characteristics (1) over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT VOH High-level output voltage DOUT at RL = 3 kΩ to GND, DIN = GND 5 5.4 V VOL Low-level output voltage DOUT at RL = 3 kΩ to GND, DIN = VCC –5 –5.4 V IIH High-level input current VI = VCC ±0.01 ±1 μA IIL Low-level input current VI at GND ±0.01 ±1 μA VCC = 3.6 V ±35 ±60 IOS Short-circuit output current(3) VO = 0 V mA VCC = 5.5 V ±35 ±90 ro Output resistance VCC, V+, and V– = 0 V, VO = ±2 V 300 10M Ω (1) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (3) Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one output should be shorted at a time. over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT CL = 1000 pF 250 Maximum data rate RL = 3 kΩ, CL = 250 pF, VCC = 3 V to 4.5 V 1000 kbit/s (see Figure 1) One DOUT switching CL = 1000 pF, VCC = 4.5 V to 5.5 V 1000 tsk(p) Pulse skew(3) CL = 150 pF to 2500 pF, RL = 3 kΩ to 7 kΩ, See Figure 2 300 ns Slew rate, SR(tr) transition region RL = 3 kΩ to 7 kΩ, CL = 150 pF to 1000 pF, VCC = 3.3 V 18 150 V/ μs (see Figure 1) (1) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (3) Pulse skew is defined as |tPLH – tPHL| of each channel of the same device. 4 Submit Documentation Feedback |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |