| Electronic Components Datasheet Search |
|
TRSF3232IPWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TRSF3232IPWR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 13 page ![]() www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) Electrical Characteristics (1) TRSF3232 3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER SLLS858 – AUGUST 2007 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.3 6 V V+ Positive-output supply voltage range(2) –0.3 7 V V– Negative-output supply voltage range(2) 0.3 –7 V V+ – V– Supply voltage difference(2) 13 V Drivers –0.3 6 VI Input voltage range V Receivers –25 25 Drivers –13.2 13.2 VO Output voltage range V Receivers –0.3 VCC + 0.3 D package 82 DB package 46 θJA Package thermal impedance(3)(4) °C/W DW package 57 PW package 108 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to network GND. (3) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (4) The package thermal impedance is calculated in accordance with JESD 51-7. See Figure 4 MIN NOM MAX UNIT VCC = 3.3 V 3 3.3 3.6 Supply voltage V VCC = 5 V 4.5 5 5.5 VCC = 3.3 V 2 VIH Driver high-level input voltage DIN V VCC = 5 V 2.4 VIL Driver low-level input voltage DIN 0.8 V Driver input voltage DIN 0 5.5 VI V Receiver input voltage –25 25 TRSF3232C 0 70 TA Operating free-air temperature °C TRSF3232I –40 85 (1) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT ICC Supply current No load, VCC = 3.3 V or 5 V 0.3 1 mA (1) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. 3 Submit Documentation Feedback |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |