Electronic Components Datasheet Search
  English  ▼

X  

F530SL Datasheet(PDF) 2 Page - Fox Electronics

Part # F530SL
Description  3.3V HCSL Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F530SL Datasheet(HTML) 2 Page - Fox Electronics

  F530SL Datasheet HTML 1Page - Fox Electronics F530SL Datasheet HTML 2Page - Fox Electronics F530SL Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.3V HCSL Oscillator
MODEL: F530SL Series RoHS Compliant / Pb Free / REACh Compliant Rev 11/26/2013
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.comEMEA Tel: +44 .1283.568153 | Canada
+1.888.438.2369 | Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
GND
N C
E/D
# 4
# 3
# 2
# 5
50
V
0.01 F
# 1
# 6
DD
OUTPUT
OUTPUT 2
50
Recommended Output Termination
50 Ohms to Ground
 RECOMMENDED CIRCUIT
 WAVEFORM CHARACTERISTICS
700 mV
0 mV
525 mV
175 mV
1/2 period
full period
Symmetry =
100%
1/2 period
full period
OUTPUT
OUTPUT 2
Symmetry is measured at crossing points
Rise (Tr) and Fall (Tf) Times
700 mV
OUTPUT
OUTPUT 2
0 mV
Tr
Tf



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com