Electronic Components Datasheet Search
  English  ▼

X  

T5557 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T5557
Description  Multifunctional 330-bit Read/Write RF-Identification IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5557 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T5557 Datasheet HTML 16Page - ATMEL Corporation T5557 Datasheet HTML 17Page - ATMEL Corporation T5557 Datasheet HTML 18Page - ATMEL Corporation T5557 Datasheet HTML 19Page - ATMEL Corporation T5557 Datasheet HTML 20Page - ATMEL Corporation T5557 Datasheet HTML 21Page - ATMEL Corporation T5557 Datasheet HTML 22Page - ATMEL Corporation T5557 Datasheet HTML 23Page - ATMEL Corporation T5557 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
T5557
4517E–RFID–02/03
Figure 25. Measurement Setup for I
DD and Vmod
7
Programming time
From last command gap
to re-enter read mode
(64 + 648 internal clocks)
T
prog
55.7
6
ms
T
8
Endurance
Erase all / Write all (4)
n
cycle
100000
Cycles
Q
9.1
Data retention
Top = 55
°C (4)
t
retention
10
20
50
Years
9.2
Top = 150
°C (4)
t
retention
96
hrs
T
9.3
Top = 250
°C (4)
t
retention
24
hrs
Q
10
Resonance capacitor
Mask option(5)
C
r
70
78
86
pF
T
11.1
Microdule capacitor
parameters
Capacitance tolerance
T
amb
C
r
313.5
330
346.5
pF
T
11.2
Temperature coefficient
TBD
TBD
TBD
TBD
TBD
TBD
11.3
TBD
TBD
TBD
TBD
TBD
TBD
Electrical Characteristics
Tamb = +25°C; fcoil = 125 kHz; unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: T: directly or indirectly tested during production; Q: guaranteed based on initial product qualification data
Notes:
1. I
DD measurement setup R = 100 k; VCLK = Vcoil = 5 V: EEPROM programmed to 00 ... 000 (erase all); chip in modulation
defeat. I
DD = (VOUTmax - VCLK)/R
2. Current into Coil 1/Coil 2 is limited to 10 mA. The damping circuitry has the same structure as the e5550. The damping
characteristics are defined by the internally limited supply voltage (= minimum AC coil voltage)
3. V
mod measurement setup: R = 2.3 k; VCLK = 3 V; setup with modulation enabled (see Figure 25).
4. Since EEPROM performance is influenced by assembly processes, Atmel confirms the parameters for DOW (tested dice
on uncutted wafer) delivery.
5. The tolerance of the on-chip resonance capacitor C
r is ±10% at 3s over whole production. The capacitor tolerance is
±3% at 3
s on a wafer basis.
6. The tolerance of the microcodule resonance capacitor Cr is ±5% at 3s over whole production.
Coil 1
T5557
Coil 2
Substrate
-
+
V
CLK
V
OUTmax
R
750
750
BAT68
BAT68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com