Electronic Components Datasheet Search
  English  ▼

X  

FXU-PC53 Datasheet(PDF) 7 Page - Fox Electronics

Part # FXU-PC53
Description  LVPECL 5 x 3.2mm 3.3V Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-PC53 Datasheet(HTML) 7 Page - Fox Electronics

Back Button FXU-PC53 Datasheet HTML 3Page - Fox Electronics FXU-PC53 Datasheet HTML 4Page - Fox Electronics FXU-PC53 Datasheet HTML 5Page - Fox Electronics FXU-PC53 Datasheet HTML 6Page - Fox Electronics FXU-PC53 Datasheet HTML 7Page - Fox Electronics FXU-PC53 Datasheet HTML 8Page - Fox Electronics FXU-PC53 Datasheet HTML 9Page - Fox Electronics FXU-PC53 Datasheet HTML 10Page - Fox Electronics FXU-PC53 Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-PC53 Series
Page 7 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
Mechanical Dimensional Drawing & Pad Layout
Actual part marking
is depicted.
See Traceability (pg. 9)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
NOTE:
XPRESSO-ULTRA LVPECL XOs are
designed to fit on Industry Standard, 6 pad layouts
Pin Connections
#1) E/D
#4) Output
#2)
NC
#5) Output 2
#3) GND
#6) V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com