Electronic Components Datasheet Search
  English  ▼

X  

FXU-PC53 Datasheet(PDF) 8 Page - Fox Electronics

Part # FXU-PC53
Description  LVPECL 5 x 3.2mm 3.3V Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-PC53 Datasheet(HTML) 8 Page - Fox Electronics

Back Button FXU-PC53 Datasheet HTML 3Page - Fox Electronics FXU-PC53 Datasheet HTML 4Page - Fox Electronics FXU-PC53 Datasheet HTML 5Page - Fox Electronics FXU-PC53 Datasheet HTML 6Page - Fox Electronics FXU-PC53 Datasheet HTML 7Page - Fox Electronics FXU-PC53 Datasheet HTML 8Page - Fox Electronics FXU-PC53 Datasheet HTML 9Page - Fox Electronics FXU-PC53 Datasheet HTML 10Page - Fox Electronics FXU-PC53 Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-PC53 Series
Page 8 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
An additional identification code is contained internally if tracking should ever be necessary
Tape and Reel Dimensions
Labeling
(Reels and smaller packaging are labeled with the below)
 Fox Part Number: 852-156.25-3
 Quantity:
2000
pieces
LOT #
24435
If traceability should become necessary
 Date Code
1335
(YYWW 2013 35
th wk)
852-156.25-3
Ø1.5mm
4.0mm
8.0mm
7.5mm
16mm
2.15mm
12mm
5.5mm
1335
Description: FXU-PC535R-156.25
FXU-PC535R-156.25
2.0
255.0
13.5
80.0
2.0
Ø13.0
Ø21.0
120°
Ø21.0
Ø13.0
13.5
2.0
178.0
62.0
2.0
2.0
2k Reel Dimensions
1k Reel Dimensions
in mm
in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com