Electronic Components Datasheet Search
  English  ▼

X  

IS15AACP4CF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IS15AACP4CF
Description  PRECAUTIONS FOR HANDLING & STORAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS15AACP4CF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  IS15AACP4CF Datasheet HTML 1Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 2Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 3Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 4Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 5Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 6Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 7Page - List of Unclassifed Manufacturers IS15AACP4CF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
10
Run “IS Easy Editor” and open “sample.isl” for test. File contains samples
of created bitmaps.
Read and print “Graphic Editing Software Operating Manual” from the
computer. See instructions below.
1. Go to “Start” on Windows screen
2. Select “Programs”
3. Find “IS Easy Editor”
4. Select Manual
PROGRAMMING BITMAPS
Note: Bitmap image for reference only.
Control of Data
Bitmap data is transferred to IS Easy Display Controller by setting the 6-bits
parallel TTL level signals (terminals 11~16).
To display desired bitmaps in “IS Easy Editor”, refer to diagram below and
set appropriate values to terminals.
Bitmap
Number
Connector CN2 Terminal Number/Logic Level
Values
16
15
14
13
12
11
1
L
L
L
L
L
L
2
L
L
L
L
L
H
3
L
L
L
L
H
L
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
62
H
H
H
H
L
H
63
H
H
H
H
H
L
64
H
H
H
H
H
H
Low (L) Level
= 0 ~ 0.8V
High (H) Level
= 2 ~ 5.25V
CONTROLLING INFORMATION
CPU
E PROM
2
LED Dr
FLM/LP/SCP/Data 4
6
6 bit
2
2
5V to 7~8V
LED 3 SW 2
5
IS Series
IS-15
IS-01
16-pin Header
Connector
CN1
CN2
3.3V to 5V
USB Mini-B
BLOCK DIAGRAM
Functions of IS Easy Display Controller
• CN1 Connector (USB
Mini-B Connector)
Transfers bitmaps created
on PC to IS Easy Controller
via USB Type A
Mini-B Cable
• CN2 Connector
(2.54mm pitch 16-pin header)
Connector for power supply, GND,
switch operation, backlight LED control and selection of bitmaps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com