Electronic Components Datasheet Search
  English  ▼

X  

LT1072CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1072CS8
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1072CS8 Datasheet HTML 5Page - Linear Technology LT1072CS8 Datasheet HTML 6Page - Linear Technology LT1072CS8 Datasheet HTML 7Page - Linear Technology LT1072CS8 Datasheet HTML 8Page - Linear Technology LT1072CS8 Datasheet HTML 9Page - Linear Technology LT1072CS8 Datasheet HTML 10Page - Linear Technology LT1072CS8 Datasheet HTML 11Page - Linear Technology LT1072CS8 Datasheet HTML 12Page - Linear Technology LT1072CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1072
1072fc
Totally Isolated Converter
Synchronizing with Bipolar Transistor
Synchronizing with MOS Transistor
FROM 5V
LOGIC
R1
3k
R2
2.2k
C2
68pF
VIN
VC
GND
LT1072
2N2369
R3
C1
LT1072 • OP01
FROM 5V
LOGIC
*SILICONIX OR EQUIVALENT
R2
2.2k
D2
1N4158
C2
200pF
D1
1N4158
VIN
VC
GND
LT1072
R3
C1
VN2222*
LT1072 • OP02
LT1072 OPERATIO
C5
25µF*
R4
2.7k
C3
0.47µF
C2
0.01µF
1:N
D1
COM
15V
L1
10µH
OPTIONAL
OUTPUT FILTER
N
N
VIN
5V
500Ω
R2
*REQUIRED IF INPUT LEADS ≥ 2”
N = 0.875 = 7:8
FOR VOUT = 15V
5k
C1
200µF
C5
200µF
C6
200µF
C4
200µF
–15V
L2
10µH
VIN
VSW
FB
VC
GND
LT1072
SWITCH VOLTAGE
VOUT + Vf (Vf = DIODE FORWARD VOLTAGE)
tOFF
tON
VIN
0
0V
SECONDARY VOLTAGE
N • VIN
≈ 16V
LT1072 • TA03
+
+
+
+
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com