Electronic Components Datasheet Search
  English  ▼

X  

LT1072CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1072CS8
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1072CS8 Datasheet HTML 8Page - Linear Technology LT1072CS8 Datasheet HTML 9Page - Linear Technology LT1072CS8 Datasheet HTML 10Page - Linear Technology LT1072CS8 Datasheet HTML 11Page - Linear Technology LT1072CS8 Datasheet HTML 12Page - Linear Technology LT1072CS8 Datasheet HTML 13Page - Linear Technology LT1072CS8 Datasheet HTML 14Page - Linear Technology LT1072CS8 Datasheet HTML 15Page - Linear Technology LT1072CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1072
1072fc
K Package
4-Lead TO-3 Metal Can
(Reference LTC DWG # 05-08-1311)
OBSOLETE PACKAGE
K4(TO-3) 1098
72°
18°
0.490 – 0.510
(12.45 – 12.95)
R
0.470 TP
P.C.D.
0.167 – 0.177
(4.24 – 4.49)
R
0.151 – 0.161
(3.84 – 4.09)
DIA 2 PLC
0.655 – 0.675
(16.64 – 19.05)
1.177 – 1.197
(29.90 – 30.40)
0.038 – 0.043
(0.965 – 1.09)
0.060 – 0.135
(1.524 – 3.429)
0.320 – 0.350
(8.13 – 8.89)
0.420 – 0.480
(10.67 – 12.19)
0.760 – 0.775
(19.30 – 19.69)
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
N8 1002
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.130 ± .005
(3.302 ± 0.127)
.020
(0.508)
MIN
.018 ± .003
(0.457 ± 0.076)
.120
(3.048)
MIN
12
3
4
87
6
5
.255 ± .015*
(6.477 ± 0.381)
.400*
(10.160)
MAX
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com