Electronic Components Datasheet Search
  English  ▼

X  

LT1765ES8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1765ES8
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765ES8 Datasheet(HTML) 1 Page - Linear Technology

  LT1765ES8 Datasheet HTML 1Page - Linear Technology LT1765ES8 Datasheet HTML 2Page - Linear Technology LT1765ES8 Datasheet HTML 3Page - Linear Technology LT1765ES8 Datasheet HTML 4Page - Linear Technology LT1765ES8 Datasheet HTML 5Page - Linear Technology LT1765ES8 Datasheet HTML 6Page - Linear Technology LT1765ES8 Datasheet HTML 7Page - Linear Technology LT1765ES8 Datasheet HTML 8Page - Linear Technology LT1765ES8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
1
1765fd
TYPICAL APPLICATION
DESCRIPTION
Monolithic 3A, 1.25MHz
Step-Down Switching Regulator
The LT®1765 is a 1.25MHz monolithic buck switching
regulator. A high efficiency 3A, 0.09Ω switch is included
on the die together with all the control circuitry required
to construct a high frequency, current mode switching
regulator. Current mode control provides fast transient
response and excellent loop stability.
New design techniques achieve high efficiency at high
switching frequencies over a wide operating voltage
range. A low dropout internal regulator maintains con-
sistent performance over a wide range of inputs from
24V systems to Li-Ion batteries. An operating supply
current of 1mA improves efficiency, especially at lower
output currents. Shutdown reduces quiescent current to
15μA. Maximum switch current remains constant at all
duty cycles. Synchronization allows an external logic level
signal to increase the internal oscillator into the range of
1.6MHz to 2MHz.
Full cycle-by-cycle current control and thermal shutdown
are provided. High frequency operation allows the reduc-
tion of input and output filtering components and permits
the use of chip inductors.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
*Patent Pending
5V to 3.3V Step-Down Converter
FEATURES
APPLICATIONS
n DSL Modems
n Portable Computers
n Regulated Wall Adapters
n Battery-Powered Systems
n Distributed Power
n 3A Switch in a Thermally Enhanced 16-Lead
TSSOP or 8-Lead SO Package
n Constant 1.25MHz Switching Frequency
n Wide Operating Voltage Range: 3V to 25V
n High Efficiency 0.09Ω Switch
n 1.2V Feedback Reference Voltage
n Uses Low Profile Surface Mount Components
n Low Shutdown Current: 15μA
n Synchronizable to 2MHz
n Current Mode Loop Control
n Constant Maximum Switch Current Rating at
All Duty Cycles*
n Available in 8-Lead SO and 16-Lead Thermally
Enhanced TSSOP Packages
BOOST
LT1765-3.3
VIN
OUTPUT
3.3V
2.5A
INPUT
5V
1765 TA01
0.18μF
2.2nF
UPS120
4.7μF
CERAMIC
2.2μF
CERAMIC
CMDSH-3
1.5μH
VSW
FB
SHDN
ON
OFF
GND
VC
SYNC
Efficiency vs Load Current
SWITCH CURRENT (A)
0
80
85
2.0
1765 • TAO1a
75
70
0.5
1.0
1.5
90
VIN = 10V
VOUT = 5V


Similar Part No. - LT1765ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765ES8 LINER-LT1765ES8 Datasheet
195Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8PBF LINER-LT1765ES8PBF Datasheet
195Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
195Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com