Electronic Components Datasheet Search
  English  ▼

X  

LT1765ES8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1765ES8
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765ES8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1765ES8 Datasheet HTML 12Page - Linear Technology LT1765ES8 Datasheet HTML 13Page - Linear Technology LT1765ES8 Datasheet HTML 14Page - Linear Technology LT1765ES8 Datasheet HTML 15Page - Linear Technology LT1765ES8 Datasheet HTML 16Page - Linear Technology LT1765ES8 Datasheet HTML 17Page - Linear Technology LT1765ES8 Datasheet HTML 18Page - Linear Technology LT1765ES8 Datasheet HTML 19Page - Linear Technology LT1765ES8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
20
1765fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT 0608 REV D • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1074HV
4.4A (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converter
VIN: 7.3V to 45V/64V, VOUT(MIN) = 2.21V, IQ = 8.5mA,
ISD = 10μA, DD5/7, TO220-5/7
LT1076/LT1076HV
1.6A (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converter
VIN: 7.3V to 45V/64V, VOUT(MIN) = 2.21V, IQ = 8.5mA,
ISD = 10μA, DD5/7, TO220-5/7
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency Step-Down DC/DC
Converter
VIN: 7.4V to 60V, VOUT(MIN) = 1.24V, IQ = 3.2mA,
ISD < 2.5μA, SO-8
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency Step-Down DC/DC
Converter
VIN: 3V to 25V, VOUT(MIN) = 1.20V, IQ = 1mA,
ISD < 15μA, SO-8, TSSOP16E
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
ISD < 25μA, TSSOP16/E
LT1767
25V, 1.2A (IOUT), 1.25MHz, High Efficiency Step-Down DC/DC
Converter
VIN: 3V to 25V, VOUT(MIN) = 1.20V, IQ = 1mA,
ISD < 6μA, MS8/E
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency Step-Down DC/DC
Converter
VIN: 7.4V to 40V, VOUT(MIN) = 1.24V, IQ = 3.2mA,
ISD < 30μA, N8, SO-8
LT1940
25V, Dual 1.2A (IOUT), 1.1MHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3V to 25V, VOUT(MIN) = 1.2V, IQ = 3.8mA,
ISD = < 1μA, TSSOP16E
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency Step-Down DC/DC
Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
ISD < 25μA, TSSOP16/E
LT1976
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC
Converter with Burst Mode
® Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.20V, IQ = 100μA,
ISD < 1μA, TSSOP16E
LT3010
80V, 50mA, Low Noise Linear Regulator
VIN: 1.5V to 80V, VOUT(MIN) = 1.28V, IQ = 30μA,
ISD < 1μA, MS8E
LTC3407
Dual 600mA (IOUT), 1.5MHz, Synchronous Step-Down DC/DC
Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA,
ISD < 1μA, MS10E
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD < 1μA, TSSOP16E
LTC3414
4A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.3V to 5.5V, VOUT(MIN) = 0.8V, IQ = 64μA,
ISD < 1μA, TSSOP20E
LT3430/LT3431
60V, 2.75A (IOUT), 200kHz/500kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.20V, IQ = 2.5mA,
ISD = 30μA, TSSOP16E
LT3433
60V, 400mA (IOUT), 200kHz, High Efficiency Step-Up/Step-Down
DC/DC Converter with Burst Mode Operation
VIN: 4V to 60V, VOUT(MIN) = 3.3V to 20V, IQ = 100μA,
ISD < 1μA, TSSOP16E
LTC3727/LTC3727-1
36V, 500kHz, High Efficiency Step-Down DC/DC Converter
VIN: 4V to 36V, VOUT(MIN) = 0.8V, IQ = 670μA,
ISD < 20μA, QFN32, SSOP28
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com