Electronic Components Datasheet Search
  English  ▼

X  

LT3015 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3015
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3015 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3015 Datasheet HTML 3Page - Linear Technology LT3015 Datasheet HTML 4Page - Linear Technology LT3015 Datasheet HTML 5Page - Linear Technology LT3015 Datasheet HTML 6Page - Linear Technology LT3015 Datasheet HTML 7Page - Linear Technology LT3015 Datasheet HTML 8Page - Linear Technology LT3015 Datasheet HTML 9Page - Linear Technology LT3015 Datasheet HTML 10Page - Linear Technology LT3015 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3015
7
3015f
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation
Current Limit vs VIN –VOUT
Current Limit vs Temperature
ADJ Pin Bias Current
ADJ Pin Bias Current
Line Regulation
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–75
–200
150
100
50
–50
0
–100
–150
200
75 100 125 150 175
–25
–50
0
25
3015 G19
50
VIN = –2.3V
POSITIVE CURRENT FLOWS
INTO THE PIN
INPUT VOLTAGE (V)
0
20
70
50
60
40
30
80
–18 –21 –24 –27 –30
–6
–3
–9 –12
3015 G20
–15
TJ = 25°C
POSITIVE CURRENT FLOWS
INTO THE PIN
TEMPERATURE (°C)
–75
0.0
–2.0
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
–9.0
–1.0
–10.0
75 100 125 150 175
–25
–50
0
25
3015 G21
50
ΔVIN = –5.5V TO –30V
VOUT = –5V
ΔVIN = –2.3V TO –30V
VOUT = –1.22V
IL = –1mA
TEMPERATURE (°C)
–75
–32
–24
–20
–16
–12
–8
–4
–28
0
75 100 125 150 175
–25
–50
0
25
3015 G22
50
VOUT = –1.22V
VOUT = –5V
VIN = VOUT(NOMINAL) –1V
ΔIL = –1mA TO –1.5A
INPUT/OUTPUT DIFFERENTIAL (V)
0
0.0
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–0.2
–2.2
–20
–25
–30
–10
–5
–15
3015 G26
VOUT = 0V
–55°C
25°C
125°C
TEMPERATURE (°C)
–75
0.0
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–0.2
–2.2
75 100 125 150 175
–25
–50
0
25
3015 G27
50
VIN = –2.3V
VOUT = 0V
LT3015 Input Ripple Rejection
LT3015 Input Ripple Rejection
Ripple Rejection vs Temperature
FREQUENCY (Hz)
10
0
20
10
30
40
50
60
70
10M
100
1k
10k
100k
1M
3015 G28
TJ = 25°C
IL = –1.5A
VOUT = –1.22V
VIN = –2.7V
COUT = 47μF
COUT = 10μF
FREQUENCY (Hz)
10
0
20
10
30
40
50
60
70
10M
100
1k
10k
100k
1M
3015 G29
TJ = 25°C
IL = –1.5A
VOUT = –5V
VIN = –6.5V + VRMS RIPPLE
COUT = 10μF, CFF = 0
COUT = 10μF, CFF = 10nF
COUT = 47μF, CFF = 10nF
TEMPERATURE (°C)
–75
0
10
20
30
40
50
60
70
75 100 125 150 175
–25
–50
0
25
3015 G30
50
IL = –1.5A
VOUT = –1.22V
VIN = –2.7V + 0.5VP-P RIPPLE AT f = 120Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com