Electronic Components Datasheet Search
  English  ▼

X  

LT3015 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3015
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3015 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3015 Datasheet HTML 2Page - Linear Technology LT3015 Datasheet HTML 3Page - Linear Technology LT3015 Datasheet HTML 4Page - Linear Technology LT3015 Datasheet HTML 5Page - Linear Technology LT3015 Datasheet HTML 6Page - Linear Technology LT3015 Datasheet HTML 7Page - Linear Technology LT3015 Datasheet HTML 8Page - Linear Technology LT3015 Datasheet HTML 9Page - Linear Technology LT3015 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3015
6
3015f
TYPICAL PERFORMANCE CHARACTERISTICS
LT3015 GND Pin Current
GND Pin Current vs ILOAD
Positive SHDN Pin Thresholds
Negative SHDN Pin Thresholds
SHDN Pin Input Current
SHDN Pin Input Current
LT3015 Quiescent Current
LT3015 Quiescent Current
LT3015 GND Pin Current
TA = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
0
0
–1.0
–0.8
–0.6
–0.4
–0.2
–1.2
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G10
–5
VSHDN = VIN
TJ = 25°C
VOUT = –1.22V
RL = 121kΩ
VSHDN = 0V
INPUT VOLTAGE (V)
0
0
–1.0
–0.8
–0.6
–0.4
–0.2
–1.2
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G10
–5
VSHDN = VIN
TJ = 25°C
VOUT = –5V
RL = 499kΩ
VSHDN = 0V
INPUT VOLTAGE (V)
0
0
–20
–15
–10
–5
–25
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G12
–5
RL = 1.2kΩ
IL = –1mA*
RL = 2.4Ω
IL = –0.5A*
RL = 0.81Ω
IL = –1.5A*
RL = 12Ω
IL = –0.1A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = –1.22V
INPUT VOLTAGE (V)
0
0
35
30
25
20
15
5
10
40
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G13
–5
RL = 5kΩ
IL = –1mA*
RL = 10Ω
IL = –0.5A*
RL = 3.3Ω
IL = –1.5A*
RL = 50Ω
IL = –0.1A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = –5V
TJ = –55°C
TJ = –40°C
TJ = 25°C
TJ = 125°C
OUTPUT CURRENT (A)
0.0
0
–30
–25
–20
–15
–10
–5
–35
–0.8 –1.0 –1.2 –1.4 –1.6
–0.2 –0.4
3015 G14
–0.6
VIN = –2.3V
VOUT = –1.22V
TEMPERATURE (°C)
–75
0.0
1.2
1.0
0.8
0.6
0.2
0.4
1.4
75 100 125 150 175
0
–25
–50
25
3015 G15
50
VIN = –2.3V
TURN ON THRESHOLD
TURN OFF THRESHOLD
TEMPERATURE (°C)
–75
0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–1.4
75 100 125 150 175
0
–25
–50
25
3015 G16
50
TURN OFF THRESHOLD
TURN ON THRESHOLD
VIN = –2.3V
SHDN PIN VOLTAGE (V)
–30
–10
20
15
10
5
0
–5
25
5
10152025
–15
–20
–25
–10 –5
3015 G17
0
–55°C
25°C
125°C
VIN = –30V
POSITIVE CURRENT FLOWS
INTO THE PIN
TEMPERATURE (°C)
–75
–6
15
18
21
12
9
3
6
0
–3
24
75 100 125 150 175
–25
–50
0
25
3015 G18
50
VIN = –15V
POSITIVE CURRENT FLOWS
INTO THE PIN
VSHDN = –15V
VSHDN = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com