Electronic Components Datasheet Search
  English  ▼

X  

LTC3414MPFE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3414MPFE
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3414MPFE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3414MPFE Datasheet HTML 8Page - Linear Technology LTC3414MPFE Datasheet HTML 9Page - Linear Technology LTC3414MPFE Datasheet HTML 10Page - Linear Technology LTC3414MPFE Datasheet HTML 11Page - Linear Technology LTC3414MPFE Datasheet HTML 12Page - Linear Technology LTC3414MPFE Datasheet HTML 13Page - Linear Technology LTC3414MPFE Datasheet HTML 14Page - Linear Technology LTC3414MPFE Datasheet HTML 15Page - Linear Technology LTC3414MPFE Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3414
12
3414fb
Design Example
As a design example, consider using the LTC3414 in an
application with the following specifications:
VIN = 2.7V to 4.2V, VOUT = 2.5V, IOUT(MAX) = 4A,
IOUT(MIN) = 100mA, f = 1MHz.
Because efficiency is important at both high and low load
current, Burst Mode operation will be utilized.
First, calculate the timing resistor:
Rk
k
OSC ==
308 10
110
10
298
11
6
.•
•
–
Use a standard value of 294k. Next, calculate the inductor
value for about 40% ripple current at maximum VIN:
L
V
MHz
A
V
V
H
=
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
=
μ
25
11 6
1
25
42
063
.
()( .
)
–
.
.
.
Using a 0.47
μH inductor results in a maximum ripple
current of:
Δ =
μ
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
=
I
V
MHz
H
V
V
A
L
25
10 47
1
25
42
215
.
()( .
)
–
.
.
.
COUT will be selected based on the ESR that is required to
satisfy the output voltage ripple requirement and the bulk
capacitance needed for loop stability. For this design, a
22
μF ceramic capacitor and a 470μF tantalum capacitor
will be used.
CIN should be sized for a maximum current rating of:
IA
V
V
V
V
A
RMS
RMS
=
⎛
⎝⎜
⎞
⎠⎟
=
()
.
.
.
.
–.
4
25
42
42
25
11 96
Decoupling the PVIN and SVIN pins with two 22μF capaci-
tors and a 330
μF tantalum capacitor is adequate for most
applications.
The burst clamp and output voltage can now be pro-
grammed by choosing the values of R1, R2, and R3. The
voltage on pin MODE will be set to 0.49V by the resistor
divider consisting of R2 and R3. A burst clamp voltage of
0.49V will set the minimum inductor current, IBURST, as
follows:
IV
V
A
V
A
BURST
BURST
=
()
⎛
⎝⎜
⎞
⎠⎟
=
–.
.
.
.
0 383
69
06
123
If we set the sum of R2 and R3 to 200k, then the following
equations can be solved:
RR
k
R
R
V
V
2
3
200
1
2
3
08
049
+=
+=
.
.
The two equations shown above result in the following
values for R2 and R3: R2 = 78.7k , R3 = 124k. The value
of R1 can now be determined by solving the following
equation.
1
1
202 7
25
08
1 432
+=
=
R
k
V
V
Rk
.
.
.
A value of 432k will be selected for R1. Figure 4 shows the
complete schematic for this design example.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3414. Check the following in your layout:
1. A ground plane is recommended. If a ground plane layer
is not used, the signal and power grounds should be
segregated with all small signal components returning to
the SGND pin at one point which is then connected to the
PGND pin close to the LTC3414.
2. Connect the (+) terminal of the input capacitor(s), CIN,
as close as possible to the PVIN pin. This capacitor
provides the AC current into the internal power MOSFETs.
3. Keep the switching node, SW, away from all sensitive
small signal nodes.
4. Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise of
power components. You can connect the copper areas to
any DC net (PVIN, SVIN, VOUT, PGND, SGND, or any other
DC rail in your system).
5. Connect the VFB pin directly to the feedback resistors.
The resistor divider must be connected between VOUT
and SGND.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com