Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 16Page - NXP Semiconductors BCP69 Datasheet HTML 17Page - NXP Semiconductors BCP69 Datasheet HTML 18Page - NXP Semiconductors BCP69 Datasheet HTML 19Page - NXP Semiconductors BCP69 Datasheet HTML 20Page - NXP Semiconductors BCP69 Datasheet HTML 21Page - NXP Semiconductors BCP69 Datasheet HTML 22Page - NXP Semiconductors BCP69 Datasheet HTML 23Page - NXP Semiconductors BCP69 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
NXP Semiconductors
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
© NXP B.V. 2011.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 12 October 2011
Document identifier: BCP69_BC869_BC69PA
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
15. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 6
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 13
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . 16
8.1
Quality information . . . . . . . . . . . . . . . . . . . . . 16
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 16
10
Packing information . . . . . . . . . . . . . . . . . . . . 17
11
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 21
13
Legal information. . . . . . . . . . . . . . . . . . . . . . . 22
13.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 22
13.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
13.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
13.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 23
14
Contact information. . . . . . . . . . . . . . . . . . . . . 23
15
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com