Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 11Page - NXP Semiconductors BCP69 Datasheet HTML 12Page - NXP Semiconductors BCP69 Datasheet HTML 13Page - NXP Semiconductors BCP69 Datasheet HTML 14Page - NXP Semiconductors BCP69 Datasheet HTML 15Page - NXP Semiconductors BCP69 Datasheet HTML 16Page - NXP Semiconductors BCP69 Datasheet HTML 17Page - NXP Semiconductors BCP69 Datasheet HTML 18Page - NXP Semiconductors BCP69 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
BCP69_BC869_BC69PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 October 2011
15 of 24
NXP Semiconductors
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
VCE = 1V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 19. hFE selection -25: DC current gain as a
function of collector current; typical values
Fig 20. hFE selection -25: collector current as a
function of collector-emitter voltage; typical
values
VCE = 1V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
IC/IB =10
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Fig 21. hFE selection -25: base-emitter voltage as a
function of collector current; typical values
Fig 22. hFE selection -25: collector-emitter saturation
voltage as a function of collector current;
typical values
006aac707
200
100
300
400
hFE
0
IC (A)
-10-4
-10
-1
-10-3
-10-1
-10-2
(1)
(2)
(3)
006aab404
0
IC
(A)
VCE (V)
−2.4
−2.0
−1.6
−1.2
−0.8
−0.4
0
−1
−5
−2
−3
−4
IB (mA) = −12.0
−10.8
−2.4
−3.6
−4.8
−6.0
−1.2
−9.6
−8.4
−7.2
006aac708
-0.4
-0.8
-1.2
VBE
(V)
0.0
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
006aac709
–10–1
–10–2
–1
VCEsat
(V)
–10–3
IC (mA)
–10–1
–104
–103
–1
–102
–10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com