Electronic Components Datasheet Search
  English  ▼

X  

MS4525DO Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MS4525DO
Description  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4525DO Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MS4525DO Datasheet HTML 9Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 10Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 11Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 12Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 13Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 14Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 15Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 16Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MS4525DO
MS4525DO
www.meas-spec.com
April 2012
13/19
Transmission STOP Condition (P):
The STOP condition is a unique situation on the bus created by the
master, indicating to the slaves the end of a transmission sequence (the bus is considered free after a STOP).
Acknowledge (ACK) / Not Acknowledge (NACK):
Each byte (8 bits) transmitted over the I
2C bus is followed
by an acknowledge condition from the receiver. This means that after the master pulls SCL low to complete the
transmission of the 8th bit, SDA will be pulled low by the receiver during the 9th bit time. If after transmission of
the 8th bit the receiver does not pull the SDA line low, this is considered to be a NACK condition.
If an ACK is missing during a slave to master transmission, the slave aborts the transmission and goes into idle
mode.
I2C Transmission start Condition
A HIGH to LOW transition on the SDA line while SCL is HIGH
SDA
SCL
START condition
I2C Transmission stop Condition
A LOW to HIGH transition on the SDA line while SCL is HIGH
STOP condition
SDA
SCL
SDA
SCL
ACK
D7
D0
ACK
acknowledge
not acknowledge
I2C Acknowledge / Not acknowledge
Each byte is followed by an acknowledge or a not acknowledge,
generated by the receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com