Electronic Components Datasheet Search
  English  ▼

X  

MS4525DO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS4525DO
Description  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4525DO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS4525DO Datasheet HTML 1Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4525DO Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MS4525DO
MS4525DO
www.meas-spec.com
April 2012
1/19
PCB Mounted Digital Output Transducer
Combination Temperature and Pressure
I
2C or SPI Protocol
Differential, Gage, Absolute &
Compound
Temperature Compensated
3.3 or 5.0 Vdc Supply Voltage
Low Power Option Available
(standby < 1uA)
DESCRIPTION
The MS4525DO is a small, ceramic based, PCB mounted pressure transducer from Measurement
Specialties. The transducer is built using Measurement Specialties’ proprietary UltraStable™ process and the
latest CMOS sensor conditioning circuitry to create a low cost, high performance Digital Output Pressure (14bit)
and Temperature (11bit) transducer designed to meet the strictest requirements from OEM customers.
The MS4525DO is fully calibrated and temperature compensated with a total error band (TEB) of less
than 1.0% over the compensated pressure range. The sensor operates from single supply of either 3.3 or
5.0Vdc and requires a single external component for proper operation.
The rugged ceramic transducer is available in side port, top port, and manifold mount and can measure
absolute, gauge, differential or compound pressure from 1 to 150psi. The 1/8” barbed pressure ports mate
securely with 3/32” ID tubing.
FEATURES
APPLICATIONS
PSI Pressure Ranges
Factory Automation
PCB Mountable
Altitude and Airspeed Measurements
Digital Output
Medical Instruments
Barbed Pressure Ports
Leak Detection
STANDARD RANGE (PSI)
Pressure
Absolute
Gauge
Differential
Compound
1
DS, SS, TP, MM
DS, SS,TP, MM
2
DS, SS, TP, MM
DS, SS,TP, MM
5
DS, SS, TP, MM
DS, SS,TP ,MM
15
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
30
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
50
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
100
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
150
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
See Package Configurations: DS= Dual Side Port, SS= Single Side Port, TP= Top Port, MM= Manifold Mount
Only
I
2C Protocol is Available on “L” type Pin Styles; Reference Ordering Information for Details
Pin Style “L” is only available SS and MM port types.


Similar Part No. - MS4525DO

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS4525DO TEC-MS4525DO Datasheet
501Kb / 17P
Combination Temperature and Pressure
MS4525DO TEC-MS4525DO Datasheet
901Kb / 19P
PCB Mounted Digital Output Transducer
04/2019
MS4525DO TEC-MS4525DO_V01 Datasheet
901Kb / 19P
PCB Mounted Digital Output Transducer
04/2019
More results

Similar Description - MS4525DO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
PCB MOUNTED LEDS
logo
Cynergy3 Co
SSF67V CYNERGY3-SSF67V Datasheet
1Mb / 1P
continuous output level transducer
logo
List of Unclassifed Man...
MS4515DO ETC2-MS4515DO Datasheet
406Kb / 19P
PCB Mounted Digital Output Transducer
logo
LEM
FHS40-PKIT4 LEM-FHS40-PKIT4 Datasheet
197Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT5 LEM-FHS40-PKIT5 Datasheet
207Kb / 6P
Current Transducer Evaluation PCB
FHS40-PKIT6 LEM-FHS40-PKIT6 Datasheet
218Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT7 LEM-FHS40-PKIT7 Datasheet
215Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT8 LEM-FHS40-PKIT8 Datasheet
223Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT9 LEM-FHS40-PKIT9 Datasheet
166Kb / 5P
Current Transducer Evaluation PCB
logo
EHAOAN.
2424PT-6B EHAOAN-2424PT-6B Datasheet
1Mb / 7P
PCB Mounted Infrared Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com