Electronic Components Datasheet Search
  English  ▼

X  

DAC8574IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPW
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC8574IPW Datasheet HTML 31Page - Texas Instruments DAC8574IPW Datasheet HTML 32Page - Texas Instruments DAC8574IPW Datasheet HTML 33Page - Texas Instruments DAC8574IPW Datasheet HTML 34Page - Texas Instruments DAC8574IPW Datasheet HTML 35Page - Texas Instruments DAC8574IPW Datasheet HTML 36Page - Texas Instruments DAC8574IPW Datasheet HTML 37Page - Texas Instruments DAC8574IPW Datasheet HTML 38Page - Texas Instruments DAC8574IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
www.ti.com
DAC8574
SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004
EXAMPLE 4: WRITE 4/4 SCALE TO CHANNEL D
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0110
ACK
1111 1111
ACK
1111 1111
ACK
STOP
Previous VoutD output voltage is valid
VoutB = 5.0 V
EXAMPLE 5: Power-Down Channel A, With Hi-Z Output
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0001
ACK
0000 0000
ACK
0000 0000
ACK
STOP
Previous VoutA output voltage is valid
VoutA = Hi-Z
EXAMPLE 6: Power-Down Channel B, With Hi-Z Output
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0011
ACK
0000 0000
ACK
0000 0000
ACK
STOP
Previous VoutB output voltage is valid
VoutB = Hi-Z
EXAMPLE 7: Power-Down Channel C, With Hi-Z Output
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0101
ACK
0000 0000
ACK
0000 0000
ACK
STOP
Previous VoutC output voltage is valid
VoutC = Hi-Z
EXAMPLE 8: Power-Down Channel D, With Hi-Z Output
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0111
ACK
0000 0000
ACK
0000 0000
ACK
STOP
Previous VoutD output voltage is valid
VoutD = Hi-Z
EXAMPLE 9: Power-Down Channel D, With 1 k
Ω Output Impedance to Ground
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0111
ACK
0100 0000
ACK
0000 0000
ACK
STOP
Previous VoutA output voltage is valid
VoutD = 0 V
EXAMPLE 10: Power-Down Channel D, With 100 k
Ω Output Impedance to Ground
ADDRESS [7...0]
C [7...0]
M [7...0]
L [7...0]
START
1001 1000
ACK
0001 0111
ACK
1000 0000
ACK
0000 0000
ACK
STOP
Previous VoutD output voltage is valid
VoutD = 0 V
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com