Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 11 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices OP77 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP77
Rev. E | Page 11 of 16
APPLICATIONS
OP77E
R2
1M
Ω
R4
1M
Ω
+15V
–15V
R1
1k
Ω
R3
1k
Ω
7
6
4
2
3
0.1µF
0.1µF
Figure 27. Precision High-Gain Differential Amplifier
The high gain, gain linearity, CMRR, and low TCVOS of the
OP77 make it possible to obtain performance not previously
available in single-stage, very high-gain amplifier applications.
For best CMR,
2
R
1
R
must equal
4
R
3
R
. In this example, with a
10 mV differential signal, the maximum errors are as listed in
Table 7.
Table 7. Maximum Errors
Type
Amount
Common-Mode Voltage
0.01%/V
Gain Linearity, Worst Case
0.02%
TCVOS
0.003%/°C
TCIOS
0.008%/°C
+15V
–15V
RS
RF
100
Ω
7
6
4
2
3
0.1µF
0.1µF
10µF
OUTPUT
INPUT
CLOAD
OP77
Figure 28. Isolating Large Capacitive Loads
This circuit reduces maximum slew rate but allows driving
capacitive loads of any size without instability. Because the boon
resistor is inside the feedback loop, its effect on output
impedance is reduced to insignificance by the high open-loop
gain of the OP77.
R1
100k
Ω
R3
1k
Ω
R4
990
Ω
R5
10
Ω
6
2
3
VIN
IOUT < 15mA
R2
100k
Ω
OP77
Figure 29. Basic Current Source
R1
R3
+15V
–15V
R4
R5
6
2N2222
2N2907
2
3
VIN
R2
OP77
IOUT = VIN
(
)
GIVEN R3 = R4 + R5, R1 = R2
R3
R1 – R5
IOUT < 100mA
Figure 30. 100 mA Current Source
These current sources can supply both positive and negative
current into a grounded load.
Note that
1
R
3
R
2
R
4
R
5
R
2
R
4
R
5
R
Z
O
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
1
And that for ZO to be infinite
2
R
4
R
5
R +
must =
1
R
3
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com