Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 14 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices OP77 Datasheet HTML 12Page - Analog Devices OP77 Datasheet HTML 13Page - Analog Devices OP77 Datasheet HTML 14Page - Analog Devices OP77 Datasheet HTML 15Page - Analog Devices OP77 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP77
Rev. E | Page 14 of 16
+15V
–15V
RS
1k
Ω
R1
2k
Ω
CC
RF
100k
Ω
D1
1N4148
7
6
4
2
3
0.1µF
0.1µF
VOUT
VTH
VIN
OP77
Figure 36. Precision Threshold Detector/Amplifier
When VIN < VTH, amplifier output swings negative, reversing the
biasing diode D1. VO = VTH if RL= ∞ when VIN > VTH, the loop
closes,
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
−
+
=
S
F
TH
IN
TH
O
R
R
V
V
V
V
1
C
+15V
–15V
Ra
Rb1
2
VIN
GND
VO
TRIM
TEMP
6
5
3
4
Rbp
1.5k
Ω
50k
Ω
Rc
0.1µF
0.1µF
VOUT
OP77
REF-02
Figure 37. Precision Temperature Sensor
Table 8. Resistor Values
TCVOUT Slope (S)
10 mV/°C
100 mV/°C
10 mV/°F
Temperature Range
−55°C to
+125°C
−55°C to
+125°C
−67°F to
+257°C
Output Voltage
Range
−0.55 V to
+1.25 V
−5.5 V to
+12.5V
−0.67 V to
+2.57V
Zero-Scale
0 V @ 0°C
0 V @ 0°C
0 V @ 0°F
Ra (±1% Resistor)
9.09 kΩ
15 kΩ
7.5 kΩ
Rb1 (±1% Resistor)
1.5 kΩ
1.82 kΩ
1.21 kΩ
Rbp (Potentiometer)
200 Ω
500 Ω
200 Ω
Rc (±1% Resistor)
5.11 kΩ
84.5 kΩ
8.25 kΩ
C
is selected to smooth the response of the loop.
7
18
3
2
4
OUTPUT
6
R9
R5
C3
C1
C2
R7
R8
R6
Q19
Q18
Q20
Q16
Q17
Q11 Q12
Q10
Q9
Q13
Q27
Q4
Q3
Q8
Q5
R3
R2A1
R1A
R2B1
R1B
R4
Q1
Q23
Q7
Q24
Q21
Q22
Q6
Q2
Q26
Q25
Q14
Q15
R10
V+
V–
NONINVERTING
INPUT
INVERTING
INPUT
1R2A AND R2B ARE ELECTRONICALLY ADJUSTED ON CHIP AT FACTORY.
(OPTIONAL
NULL)
Figure 38. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com