Electronic Components Datasheet Search
  English  ▼

X  

CY3631 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY3631
Description  WirelessUSB(TM) Manufacturing Test Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3631 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY3631 Datasheet HTML 1Page - Cypress Semiconductor CY3631 Datasheet HTML 2Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Number:
CY3631
WirelessUSB(TM) Manufacturing Test Kit
The CY3631 WirelessUSB(TM) Manufacturing Test Kit (MTK) is an automated
platform that enables customers to quickly test their WirelessUSB-enabled products
without the need for expensive RF test equipment. An efficient, cost-effective
methodology to reduce defect rate and enhance end-customer satisfaction, the MTK
provides developers with the necessary intellectual property and a portion of the
hardware to test wireless devices, without needing any prior radio experience.
The MTK allows developers to seamlessly conduct testing in a manufacturing
environment. The kit is designed to be integrated into the test flow and simulate a limit-
of-operation condition using shielded Test Fixture and enclosure, preventing interference
between multiple units that may be on the test floor simultaneously.
An industry's first, the CY3631 takes the headaches out of RF fabrication, improves
manufacturing productivity, and ensures outgoing quality.


Similar Part No. - CY3631

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY360 ETC1-CY360 Datasheet
1Mb / 107P
Stepper System Controller
logo
Cypress Semiconductor
CY3600I CYPRESS-CY3600I Datasheet
54Kb / 3P
FLASH370i??ISR??Programming Kit
CY3613 CYPRESS-CY3613 Datasheet
234Kb / 6P
PTG Programming Kit
CY3617 CYPRESS-CY3617 Datasheet
234Kb / 6P
PTG Programming Kit
CY3618 CYPRESS-CY3618 Datasheet
234Kb / 6P
PTG Programming Kit
More results

Similar Description - CY3631

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5292 POMONA-5292 Datasheet
71Kb / 1P
Shielded Test Lead Kit
5515A POMONA-5515A Datasheet
102Kb / 2P
PLCC Test Adapters Kit
6172A POMONA-6172A Datasheet
193Kb / 2P
Industrial Test Companion Kit
6174 POMONA-6174 Datasheet
76Kb / 1P
Electronic Test Companion Kit
logo
Agilent(Hewlett-Packard...
E2625A HP-E2625A Datasheet
431Kb / 8P
Communication Mask Test Kit
logo
Extech Instruments Corp...
TK430 EXTECH-TK430_15 Datasheet
547Kb / 1P
Electrical Test Kit
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
Professional Test Lead Kit
logo
Molex Electronics Ltd.
62201-8700 MOLEX11-62201-8700 Datasheet
56Kb / 1P
TM-42 Termination Kit
0622018700 MOLEX11-0622018700 Datasheet
56Kb / 1P
TM-42 Termination Kit
logo
NTE Electronics
72-073 NTE-72-073 Datasheet
174Kb / 3P
Automotive Test Lead Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com