Electronic Components Datasheet Search
  English  ▼

X  

CY3631 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY3631
Description  WirelessUSB(TM) Manufacturing Test Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3631 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY3631 Datasheet HTML 1Page - Cypress Semiconductor CY3631 Datasheet HTML 2Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hardware Description:
The MTK contains the following items:
•
MTK Test Fixture
•
12" SMA to SMA coaxial cable
•
24" SMA to SMA coaxial cable
•
SMA-F to SMA-F adapter
•
(6) Fixed 50 ohm attenuators, various values
•
SMA 2.4GHz antenna
•
Power supply transformer
•
CD-ROM with firmware source and documentation
Not included but required for use are the Device Under Test (DUT) and an anechoic RF
test chamber, sized appropriately for the DUT, with SMA pass-through connectors.
Optional, not included, equipment includes:
•
A variable 50-ohm attenuator for calibration
•
An SMA torque wrench
•
A computer to download configuration and/or test start commands and,
optionally, log test results
•
An RS-232 serial cable or USB-to-serial adapter cable for connecting the
computer to the 9-pin D connector of the MTK Test Fixture



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com