Electronic Components Datasheet Search
  English  ▼

X  

OP420GS Datasheet(PDF) 4 Page - Analog Devices

Part # OP420GS
Description  Quad Micropower Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP420GS Datasheet(HTML) 4 Page - Analog Devices

  OP420GS Datasheet HTML 1Page - Analog Devices OP420GS Datasheet HTML 2Page - Analog Devices OP420GS Datasheet HTML 3Page - Analog Devices OP420GS Datasheet HTML 4Page - Analog Devices OP420GS Datasheet HTML 5Page - Analog Devices OP420GS Datasheet HTML 6Page - Analog Devices OP420GS Datasheet HTML 7Page - Analog Devices OP420GS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
OP420
–4–
ORDERING GUIDE
Package Options
TA = 25
°C VOS Max (mV)
Cer DIP 14-Pin
LCC 20-Contact
Plastic
Operating Temperature Range
4.0
OP420CY
*
OP420CRC/883
MIL
4.0
OP420GP
*
XIND
4.0
OP420GS
*
XIND
*Not for new design; obsolete April 2002.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (One Amplifier Only)
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
Operating Temperature Range
OP420CY, OP420CRC . . . . . . . . . . . . . . –55
°C to +125°C
OP420G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP420 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Package Type
JA
2
JC
Unit
14-Pin Hermetic DIP (Y)
99
12
°C/W
14-Pin Plastic DIP (P)
76
33
°C/W
16-Pin SOL (S)
92
27
°C/W
NOTES
1Absolute Maximum Ratings apply to packaged parts, unless otherwise noted.
2
JA is specified for worst-case mounting conditions, i.e.,
JA is specified for
device in socket for CerDIP and P-DIP packages; JA is specified for device
soldered to printed circuit board for SOL package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com