Electronic Components Datasheet Search
  English  ▼

X  

OP420GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP420GS
Description  Quad Micropower Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP420GS Datasheet(HTML) 5 Page - Analog Devices

  OP420GS Datasheet HTML 1Page - Analog Devices OP420GS Datasheet HTML 2Page - Analog Devices OP420GS Datasheet HTML 3Page - Analog Devices OP420GS Datasheet HTML 4Page - Analog Devices OP420GS Datasheet HTML 5Page - Analog Devices OP420GS Datasheet HTML 6Page - Analog Devices OP420GS Datasheet HTML 7Page - Analog Devices OP420GS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
–5–
Typical Performance Characteristics–OP420
150k
15k
1.5k
150
15
1.5
0.15
80
100
VS = 15V
RL = 25k
TA = 25 C
AVCL = 10
AVCL = 1
FREQUENCY – Hz
120
60
40
20
0
-20
AVCL = 100
AVCL = 1000
TPC 1. Closed-Loop Gain vs. Frequency
LOAD RESISTANCE –
17
15
0
1k
10k
100k
10
5
VS = 15V
TA = 25 C
VS = -5V
TPC 4. Maximum Output Voltage
vs. Load Resistance
10
0%
100
90
20mV
2 s
50mV
TPC 7. Small-Signal Transient
Response
TEMPERATURE – C
700
-100
150
-50
0
50
100
VS = 15V
600
500
400
300
200
100
0
TPC 2. Input Offset Current vs.
Temperature
FREQUENCY – Hz
1000
100
10
0.1
1
1000
10
100
TPC 5. Input Voltage Noise Density
(en) vs. Frequency
10
0%
100
90
5V
2V
200 s
TPC 8. Large-Signal Transient
Response
TEMPERATURE – C
14
-100
150
-50
0
50
100
12
10
8
6
4
2
0
VS = 15V
TPC 3. Input Bias Current vs.
Temperature
FREQUENCY – Hz
10
1.0
.01
0.1
1.0
1000
10
100
0.1
TPC 6. Input Current Noise Density
(in) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com