Electronic Components Datasheet Search
  English  ▼

X  

OPA27 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA27
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA27 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA27 Datasheet HTML 7Page - Texas Instruments OPA27 Datasheet HTML 8Page - Texas Instruments OPA27 Datasheet HTML 9Page - Texas Instruments OPA27 Datasheet HTML 10Page - Texas Instruments OPA27 Datasheet HTML 11Page - Texas Instruments OPA27 Datasheet HTML 12Page - Texas Instruments OPA27 Datasheet HTML 13Page - Texas Instruments OPA27 Datasheet HTML 14Page - Texas Instruments OPA27 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
OPA27, OPA37
11
SBOS135C
www.ti.com
FIGURE 11. Low Frequency Noise Comparison.
FIGURE 10. NAB Tape Head Preamplifier.
FIGURE 9. High Slew Rate Unity-Gain Inverting Amplifier.
OPA37
Output
Input
1k
Ω
1k
Ω
2
3
6
500pF
250
Ω
OPA37
Output
316k
Ω
4.99k
Ω
G
≈ 50dB at 1kHz.
Metal film resistors.
Film capacitors.
R
L and CL per head
manufacturer’s
recommendations.
100
Ω
2
3
6
0.01
µF
1
µF
20k
Ω
R
L
Magnetic Tape Head
C
L
10k
Ω
0.5
µV
0.5
µV
0.5
µV
0.5
µV
5
µV
A. 741 noise with circuit well-shielded from air
currents and RFI. (Note scale change.)
B. OP-07AH with circuit well-shielded from air
currents and RFI.
C. OPA27AJ with circuit well-shielded from air
currents and RFI. (Represents ultimate
OPA27 performance potential.)
D. OPA27 with circuit unshielded and exposed
to normal lab bench-top air currents.
(External thermoelectric potentials far
exceed OPA27 noise.)
E. OPA27 with heat sink and shield which
protects input leads from air currents.
Conditions same as (D).
Offset
G =1k
10Hz Low-
Pass Filter
Chart
Recorder
10mV/mm
5mm/s
DUT
Total Gain = 106
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com