Electronic Components Datasheet Search
  English  ▼

X  

OPA27 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA27
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA27 Datasheet(HTML) 3 Page - Texas Instruments

  OPA27 Datasheet HTML 1Page - Texas Instruments OPA27 Datasheet HTML 2Page - Texas Instruments OPA27 Datasheet HTML 3Page - Texas Instruments OPA27 Datasheet HTML 4Page - Texas Instruments OPA27 Datasheet HTML 5Page - Texas Instruments OPA27 Datasheet HTML 6Page - Texas Instruments OPA27 Datasheet HTML 7Page - Texas Instruments OPA27 Datasheet HTML 8Page - Texas Instruments OPA27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
OPA27, OPA37
3
SBOS135C
www.ti.com
ELECTRICAL CHARACTERISTICS
At VCC = ±15V and TA = +25°C, unless otherwise noted.
OPA27
OPA37
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT NOISE (6)
Voltage, fO = 10Hz
3.8
8.0
nV/
√Hz
fO = 30Hz
3.3
5.6
nV/
√Hz
fO = 1kHz
3.2
4.5
nV/
√Hz
fB = 0.1Hz to 10Hz
0.09
0.25
µV
PP
Current,(1) fO = 10Hz
1.7
pA/
√Hz
fO = 30Hz
1.0
pA/
√Hz
fO = 1kHz
0.4
0.6
pA/
√Hz
OFFSET VOLTAGE (2)
Input Offset Voltage
±25
±100
µV
Average Drift (3)
TA MIN to TA MAX
±0.4
±1.8 (6)
µV/°C
Long Term Stability (4)
0.4
2.0
µV/mo
Supply Rejection
±V
CC = 4 to 18V
94
120
dB
±V
CC = 4 to 18V
±1
±20
µV/V
BIAS CURRENT
Input Bias Current
±15
±80
nA
OFFSET CURRENT
Input Offset Current
10
75
nA
IMPEDANCE
Common-Mode
2 || 2.5
G
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±11
±12.3
V
Common-Mode Rejection
VIN = ±11VDC
100
122
dB
OPEN-LOOP VOLTAGE GAIN, DC
RL ≥ 2kΩ
117
124
dB
RL ≥ 1kΩ
124
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product(5)
OPA27
5 (6)
8
MHz
OPA37
45 (6)
63
MHz
Slew Rate (5)
VO = ±10V,
RL = 2kΩ
OPA27, G = +1
1.7 (6)
1.9
V/
µs
OPA37, G = +5
11(6)
11.9
V/
µs
Settling Time, 0.01%
OPA27, G = +1
25
µs
OPA37, G = +5
25
µs
RATED OUTPUT
Voltage Output
RL ≥ 2kΩ±12
±13.8
V
RL ≥ 600Ω±10
±12.8
V
Output Resistance
DC, Open Loop
70
Ω
Short Circuit Current
RL = 0Ω
25
60(6)
mA
POWER SUPPLY
Rated Voltage
±15
VDC
Voltage Range,
Derated Performance
±4
±22
VDC
Current, Quiescent
IO = 0mADC
3.3
5.7
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
Operating
–40
+85
°C
NOTES: (1) Measured with industry-standard noise test circuit (Figures 1 and 2). Due to errors introduced by this method, these current noise specifications should
be used for comparison purposes only. (2) Offset voltage specification are measured with automatic test equipment after approximately 0.5 seconds from power turn-
on. (3) Unnulled or nulled with 8k
Ω to 20kΩ potentiometer. (4) Long-term voltage offset vs time trend line does not include warm-up drift. (5) Typical specification only
on plastic package units. Slew rate varies on all units due to differing test methods. Minimum specification applies to open-loop test. (6) This parameter specified by
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com