Electronic Components Datasheet Search
  English  ▼

X  

OPA349SA Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA349SA
Description  1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA349SA Datasheet(HTML) 5 Page - Texas Instruments

  OPA349SA Datasheet HTML 1Page - Texas Instruments OPA349SA Datasheet HTML 2Page - Texas Instruments OPA349SA Datasheet HTML 3Page - Texas Instruments OPA349SA Datasheet HTML 4Page - Texas Instruments OPA349SA Datasheet HTML 5Page - Texas Instruments OPA349SA Datasheet HTML 6Page - Texas Instruments OPA349SA Datasheet HTML 7Page - Texas Instruments OPA349SA Datasheet HTML 8Page - Texas Instruments OPA349SA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA349, 2349
5
SBOS121B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, and RL = 1MΩ connected to VS/2, unless otherwise noted.
R
L = 10kΩ
R
L = 1MΩ
–75
–50
–25
0
255075 85
Temperature (
°C)
OPEN-LOOP GAIN vs TEMPERATURE
100
95
90
85
80
75
70
65
60
Single version operation
below 0
°C is not recommended.
–75
–50
–25
0
25
50
75 85
Temperature (
°C)
COMMON-MODE REJECTION RATIO
vs TEMPERATURE
80
75
70
65
60
55
50
–0.2V < V
CM < 3.5V
–0.2V < V
CM < 5.2V
Single version operation
below 0
°C is not recommended.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
+PSRR
–PSRR
80
70
60
50
40
–75
–50
–25
0
25
50
75 85
Temperature (
°C)
POWER-SUPPLY REJECTION RATIO
vs TEMPERATURE
Single version operation
below 0
°C is not recommended.
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
0
45
90
135
180
1
10
100
1k
10k
100k
1M
0.1
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com