Electronic Components Datasheet Search
  English  ▼

X  

OPA349SA Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA349SA
Description  1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA349SA Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA349SA Datasheet HTML 3Page - Texas Instruments OPA349SA Datasheet HTML 4Page - Texas Instruments OPA349SA Datasheet HTML 5Page - Texas Instruments OPA349SA Datasheet HTML 6Page - Texas Instruments OPA349SA Datasheet HTML 7Page - Texas Instruments OPA349SA Datasheet HTML 8Page - Texas Instruments OPA349SA Datasheet HTML 9Page - Texas Instruments OPA349SA Datasheet HTML 10Page - Texas Instruments OPA349SA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
OPA349, 2349
7
SBOS121B
www.ti.com
100
µs/div
LARGE-SIGNAL STEP RESPONSE
G = 1, RL = 1MΩ
40
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, RL = 1MΩ, CL = 20pF
100
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, RL = 1MΩ, CL = 500pF
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
–30 –25 –20 –15 –10 –50
5
10 15 20 25 30
35 40
25
°C
125
°C
–40
°C
(dual version
only)
(V+)
(V+) – 1
(V+) – 2
(V–) + 2
(V–) + 1
(V–)
0123
4567
8
10
9
Output Current (mA)
OUTPUT VOLTAGE vs OUTPUT CURRENT
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
6
5
4
3
2
1
0
100
1k
10k
100k
V
S = +5.5V
V
S = +5V
V
S = +2.5V
V
S = +1.8V
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and RL = 1MΩ connected to VS/2, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com