Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 5Page - Texas Instruments OPA355 Datasheet HTML 6Page - Texas Instruments OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments OPA355 Datasheet HTML 10Page - Texas Instruments OPA355 Datasheet HTML 11Page - Texas Instruments OPA355 Datasheet HTML 12Page - Texas Instruments OPA355 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
OPA355, 2355, 3355
SBOS195D
9
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 604Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
100
90
80
70
60
50
Power-Supply Rejection Ratio
Common-Mode Rejection Ratio
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
–6
–7
–8
–9
–5 –4 –3 –2 –1 0 1
2 3 4 5 678 9
20
18
16
14
12
10
8
6
4
2
0
OPEN-LOOP GAIN vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
110
100
90
80
70
60
R
L = 1kΩ
R
L = 150Ω
OUTPUT SETTLING TIME TO 0.1%
Time (ns)
25
30
40
45
35
10
515
20
50
0
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
V
O = 2Vp-p
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (MHz)
10
100
1
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 2.7V
Maximum Output
Voltage without
Slew-Rate
Induced Distortion
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10M
100M
1M
1G
10k
100k
100
10
1
0.1
0.01
0.001
OPA355
604
Ω
604
Ω
Z
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com