Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 7Page - Texas Instruments OPA355 Datasheet HTML 8Page - Texas Instruments OPA355 Datasheet HTML 9Page - Texas Instruments OPA355 Datasheet HTML 10Page - Texas Instruments OPA355 Datasheet HTML 11Page - Texas Instruments OPA355 Datasheet HTML 12Page - Texas Instruments OPA355 Datasheet HTML 13Page - Texas Instruments OPA355 Datasheet HTML 14Page - Texas Instruments OPA355 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
OPA355, 2355, 3355
SBOS195D
11
www.ti.com
The Enable input can be modeled as a CMOS input gate with
a 100k
Ω pull-up resistor to V+. Left open, the Enable pin will
assume a logic HIGH, and the amplifier will be on.
The Enable time is 100ns and the disable time is only 30ns.
This allows the OPA355 to be operated as a “gated” amplifier,
or to have its output multiplexed onto a common output bus.
When disabled, the output assumes a high-impedance state.
OUTPUT DRIVE
The output stage can supply high short-circuit current (typi-
cally over 200mA). Therefore, an on-chip thermal shutdown
circuit is provided to protect the OPA355 from dangerously
high junction temperatures. At 160
°C, the protection circuit
will shut down the amplifier. Normal operation will resume
when the junction temperature cools to below 140
°C.
NOTE: it is not recommended to run a continuous DC current
in excess of
±60mA. Refer to the Typical Characteristics,
Output Voltage Swing vs Output Current.
VIDEO
The OPA355 output stage is capable of driving a standard
back-terminated 75
Ω video cable. By back-terminating a
transmission line, it does not exhibit a capacitive load to its
driver. A properly back-terminated 75
Ω cable does not ap-
pear as capacitance; it presents only a 150
Ω resistive load to
the OPA355 output.
The OPA355 can be used as an amplifier for RGB graphic
signals, which have a voltage of zero at the video black
level, by offsetting and AC-coupling the signal, as shown in
Figure 1.
WIDEBAND VIDEO MULTIPLEXING
One common application for video speed amplifiers which
include an enable pin is to wire multiple amplifier outputs
together, then select which one of several possible video
inputs to source onto a single line. This simple
Wired-OR
Video Multiplexer can be easily implemented using the
OPA357; see Figure 2.
INPUT AND ESD PROTECTION
All OPA355 pins are static protected with internal ESD
protection diodes tied to the supplies; see Figure 3.
These diodes will provide overdrive protection if the current
is externally limited to 10mA by the source or by a resistor.
FIGURE 1. RGB Cable Driver.
1/3
OPA355
604
Ω
1
µF
10nF
+3V
75
Ω
Red
Green
Blue
604
Ω
R
2
R
1
Red(1)
V+
R
2
R
1
Green(1)
V+
R
2
R
1
Blue(1)
V+
75
Ω
220
µF
604
Ω
75
Ω
75
Ω
1/3
OPA355
1/3
OPA355
604
Ω
75
Ω
604
Ω
604
Ω
75
Ω
+
NOTE: (1) Source video signal offset 300mV above ground
to accommodate op amp swing-to-ground capability.
220
µF
220
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com