Electronic Components Datasheet Search
  English  ▼

X  

OPA353 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA353
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA353 Datasheet HTML 3Page - Texas Instruments OPA353 Datasheet HTML 4Page - Texas Instruments OPA353 Datasheet HTML 5Page - Texas Instruments OPA353 Datasheet HTML 6Page - Texas Instruments OPA353 Datasheet HTML 7Page - Texas Instruments OPA353 Datasheet HTML 8Page - Texas Instruments OPA353 Datasheet HTML 9Page - Texas Instruments OPA353 Datasheet HTML 10Page - Texas Instruments OPA353 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
®
OPA353, 2353, 4353
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
CL = 100pF
100ns/div
LARGE-SIGNAL STEP RESPONSE
CL = 100pF
200ns/div
Offset Voltage Drift (
µV/°C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
35
30
25
20
15
10
5
0
0123456789
10 11 12 13 14 15
Typical production
distribution of
packaged units.
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
1M
100
1k
10k
100k
Load Capacitance (pF)
10
80
70
60
50
40
30
20
10
0
G = 1
G = –1
G =
±10
SETTLING TIME vs CLOSED-LOOP GAIN
10
1
0.1
Closed-Loop Gain (V/V)
±1
±10
±100
0.1%
0.01%
Offset Voltage (mV)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
25
20
15
10
5
0
–8 –7 –6 –5 4 –3 –2 –1 0
1
2
3
4
5
6
7
8
Typical production
distribution of
packaged units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com