Electronic Components Datasheet Search
  English  ▼

X  

OPA353 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA353
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA353 Datasheet HTML 7Page - Texas Instruments OPA353 Datasheet HTML 8Page - Texas Instruments OPA353 Datasheet HTML 9Page - Texas Instruments OPA353 Datasheet HTML 10Page - Texas Instruments OPA353 Datasheet HTML 11Page - Texas Instruments OPA353 Datasheet HTML 12Page - Texas Instruments OPA353 Datasheet HTML 13Page - Texas Instruments OPA353 Datasheet HTML 14Page - Texas Instruments OPA353 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
®
OPA353, 2353, 4353
FIGURE 6. Single-Supply Video Line Driver.
FIGURE 7. Two Op-Amp Instrumentation Amplifier With Improved High Frequency Common-Mode Rejection.
OPA353
V
O
10M
Ω
<1pF (prevents gain peaking)
+V
λ
FIGURE 9. 10kHz Low-Pass Filter.
FIGURE 8. Transimpedance Amplifier.
FIGURE 10. 10kHz High-Pass Filter.
OPA353
+5V
V
OUT
+5V (pin 7)
Video
In
R
OUT
R
L
Cable
R
F
1k
Ω
R
G
1k
Ω
R
4
5k
Ω
R
3
5k
Ω
C
3
10
µF
0.1
µF
10
µF
+
6
7
4
C
4
0.1
µF
C
5
1000
µF
C
2
47
µF
R
2
5k
Ω
R
1
75
Ω
C
1
220
µF
+2.5V
V
IN
C
2
270pF
C
1
1830pF
–2.5V
R
2
49.9k
Ω
R
L
20k
Ω
OPA353
V
OUT
R
1
10.5k
Ω
+2.5V
V
IN
R
2
19.6k
Ω
R
1
2.74k
Ω
–2.5V
C
2
1nF
R
L
20k
Ω
OPA353
V
OUT
C
1
4.7
µF
1/2
OPA2353
1/2
OPA2353
R
3
25k
Ω
R
2
25k
Ω
R
G
R
1
100k
Ω
R
4
100k
Ω
R
L
10k
Ω
V
OUT
50k
Ω
G = 5 +
200k
Ω
R
G
+5V
+5V
REF1004-2.5
4
8
(2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com