Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA3692
SBOS228E
8
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2 (–In grounded), and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
40
30
20
10
0
–10
–20
–30
–40
Input Offset Voltage
Noninverting Input Bias Current
Inverting Input Bias Current
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Time (200ns/div)
2.0
1.6
1.2
0.8
0.4
0
6.0
4.0
2.0
0
Output Voltage
V
DIS
V
IN = +1V
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10k
100M
100k
1M
10M
1/3
OPA3692
402
Ω
+5V
–5V
402
Ω
50
Ω
Z
O
DISABLE/ENABLE GLITCH
Time (20ns/div)
30
20
10
0
–10
–20
6.0
4.0
2.0
0
Output Voltage
V
IN = 0V
V
DIS
ALL HOSTILE CROSSTALK
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
Frequency (MHz)
1
0.3
10
100
2 Channels Driving
Input Referred
Crosstalk to
Inactive Channel
5
4
3
2
1
0
–1
–2
–3
–4
–5
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–300 –250 –200 –150 –100 –50
0
50
100 150 200 250 300
100
Ω Load Line
50
Ω Load Line
25
Ω
Load Line
Output Current Limited
1W Internal
Power Limit
Single Channel
1W Internal
Power Limit
Single Channel
Output Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com