Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
OPA3692
SBOS228E
15
www.ti.com
harmonic increases by less than the expected 12dB. This also
shows up in the 2-tone, 3rd-order intermodulation spurious (IM3)
response curves. The 3rd-order spurious levels are extremely
low at low output power levels. The output stage continues to
hold them low even as the fundamental power reaches very high
levels. As the Typical Characteristics show, the spurious
intermodulation powers do not increase as predicted by a
traditional intercept model. As the fundamental power level
increases, the dynamic range does not decrease significantly.
For two tones centered at 20MHz, with 10dBm/tone into a
matched 50
Ω load (that is, 2Vp-p for each tone at the load, which
requires 8Vp-p for the overall 2-tone envelope at the output pin),
the Typical Characteristics show a 58dBc difference between the
test-tone power and the 3rd-order intermodulation spurious
levels. This exceptional performance improves further when
operating at lower frequencies.
NOISE PERFORMANCE
The OPA3692 offers an excellent balance between voltage
and current noise terms to achieve low output noise. The
inverting current noise (15pA/
√Hz) is significantly lower than
earlier solutions while the input voltage noise (1.7nV/
√Hz) is
lower than most unity-gain stable, wideband, voltage-feedback
op amps. This low input voltage noise was achieved at the
price of higher noninverting input current noise (12pA/
√Hz). As
long as the AC source impedance looking out of the
noninverting node is less than 100
Ω, this current noise will not
contribute significantly to the total output noise. The op amp
input voltage noise and the two input current noise terms
combine to give low output noise under a wide variety of
operating conditions. Figure 7 shows the op amp noise analy-
sis model with all the noise terms included. In this model, all
noise terms are taken to be noise voltage or current density
terms in either nV/
√Hz or pA/√Hz.
The total output spot noise voltage can be computed as the
square root of the sum of all squared output noise voltage
contributors. Equation 1 shows the general form for the output
noise voltage using the terms shown in Figure 7.
(1)
E
E
I
R
kTR
NG
I R
kTR NG
O
NI
BN SS
BI F
F
=+
(
) +
+
(
) +
2
2
2
2
44
Dividing this expression by the noise gain (NG = (1+RF/RG))
gives the equivalent input-referred spot noise voltage at the
noninverting input as shown in Equation 2.
(2)
E
E
I
R
kTR
IR
NG
kTR
NG
NNI
BN SS
BI F
F
=+
(
) ++ 


+
2
2
2
4
4
Evaluating these two equations for the OPA3692 circuit and
component values shown in Figure 1 gives a total output spot
noise voltage of 8nV/
√Hz and a total equivalent input spot
noise voltage of 4nV/
√Hz. This total input-referred spot noise
voltage is higher than the 1.7nV/
√Hz specification for the op
amp voltage noise alone. This reflects the noise added to the
output by the inverting current noise times the feedback
resistor. This inverting node current noise is modeled as
internal to the OPA3692 with RF set internally as well.
DC ACCURACY
The OPA3692 provides exceptional bandwidth in high gains,
giving fast pulse settling but only moderate DC accuracy. The
Electrical Characteristics show an input offset voltage com-
parable to high-speed voltage-feedback amplifiers. However,
the two input bias currents are somewhat higher and are
unmatched. Bias current cancellation techniques do not
reduce the output DC offset for OPA3692. As the two input
bias currents are unrelated in both magnitude and polarity,
matching the source impedance looking out of each input to
reduce their error contribution to the output is ineffective.
Evaluating the configuration of Figure 1, using worst-case
+25
°C input offset voltage and the two input bias currents,
gives a worst-case output offset range equal to:
±(NG • V
OS(MAX)) + (IBN • RS/2 • NG) ± (IBI • RF)
where NG = noninverting signal gain
=
±(2 • 3mV) + (35µA • 25Ω • 2) ± (402Ω • 25µA)
=
±6mV + 1.75mV ± 10.05mV
= –14.3mV
→ +17.8mV
Minimizing the resistance seen by the noninverting input will
give the best DC offset performance.
4kT
R
G
R
G
R
F
R
S
OPA3692
I
BI
E
O
I
BN
4kT = 1.6E –20J
at 290
°K
E
RS
E
NI
√4kTR
S
√4kTR
F
FIGURE 7. Noise Model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com