Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA832
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA832 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA832 Datasheet HTML 9Page - Texas Instruments OPA832 Datasheet HTML 10Page - Texas Instruments OPA832 Datasheet HTML 11Page - Texas Instruments OPA832 Datasheet HTML 12Page - Texas Instruments OPA832 Datasheet HTML 13Page - Texas Instruments OPA832 Datasheet HTML 14Page - Texas Instruments OPA832 Datasheet HTML 15Page - Texas Instruments OPA832 Datasheet HTML 16Page - Texas Instruments OPA832 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TYPICAL CHARACTERISTICS: VS = +5V
6
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
500
V =0.2V
O
PP
R =150W
L
G=+1
R =0W
F
G=+2V/V
G=+5V/V
G=+10V/V
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
300
V =0.2V
O
PP
R =150W
L
G= 2
-
G= 10
-
G= 1
-
G= 5
-
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
10
100
300
G= 1V/V
-
R =150W
L
V =2V
O
PP
V =1V
O
PP
V =0.5V
O
PP
9
6
3
0
-3
-6
-9
-12
Frequency(MHz)
10
100
400
V
O =0.5VPP
V
O
PP
=2V
V
O
PP
=1V
G=+2V/V
R
W
L =150
Time(10ns/div)
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Large-Signal1.5Vto3.5V
RightScale
Small-Signal2.4Vto2.6V
LeftScale
G=+2V/V
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
Time(10ns/div)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Large-Signal1.5Vto3.5V
RightScale
Small-Signal2.4Vto2.6V
LeftScale
G= 1V/V
-
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
At TA = +25°C, G = +2V/V, RF = 750Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 72).
NONINVERTING SMALL-SIGNAL FREQUENCY RESPONSE
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
Figure 24.
Figure 25.
NONINVERTING LARGE-SIGNAL FREQUENCY RESPONSE
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
Figure 26.
Figure 27.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 28.
Figure 29.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com